Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C51 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BZT52C51
Description  410mW Two Terminals SMD Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZT52C51 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BZT52C51 Datasheet HTML 1Page - TAITRON Components Incorporated BZT52C51 Datasheet HTML 2Page - TAITRON Components Incorporated BZT52C51 Datasheet HTML 3Page - TAITRON Components Incorporated BZT52C51 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-10-11
BZT52C2V4 – BZT52C51
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
410mW Two Terminals
SMD Zener Diodes
410mW Two Terminals SMD Zener Diodes
Features
• Planar Die Construction
• 410mW Power Dissipation
• Zener Voltage 2.4v to 51v
• RoHS Compliance
Mechanical Data
Case:
SOD-123, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solderable per MIL-STD-202G,Method 208
Polarity:
Color band denotes cathode
Approx Weight:
0.01 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VF
Forward Voltage Drop
0.9
V
IF=10mA
Ptot
Power Dissipation
410
mW
Ta=25 °C (Note 1)
IFSM
Peak Forward Surge Current,8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
2.0
A
(Note 2)
TJ
Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
Note: 1. Mounted on 5.0mm²(0.13mm thick ) land areas
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses
per minute maximum
SOD-123


Similar Part No. - BZT52C51

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZT52C51 DIOTEC-BZT52C51 Datasheet
55Kb / 2P
   Surface mount Zener Diodes
logo
Dongguan City Niuhang E...
BZT52C51 NIUHANG-BZT52C51 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
Diotec Semiconductor
BZT52C51 DIOTEC-BZT52C51 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Diode Semiconductor Kor...
BZT52C51 DSK-BZT52C51 Datasheet
284Kb / 4P
   Surface mount zener diode
logo
Weitron Technology
BZT52C51 WEITRON-BZT52C51 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - BZT52C51

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
   Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
   Two Terminals SMD Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com