Electronic Components Datasheet Search |
|
EC3200A10ET-24.000M-CL Datasheet(PDF) 2 Page - Ecliptek Corporation |
|
EC3200A10ET-24.000M-CL Datasheet(HTML) 2 Page - Ecliptek Corporation |
2 / 4 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR EC32 14 pin DIP 3.3V OS46 08/06 EC32 00 T A 15 ET - 24.000M - G FREQUENCY TOLERANCE / STABILITY 00=±100ppm Maximum (Standard) 45=±50ppm Maximum, 25=±25ppm Maximum 20=±20ppm Maximum DUTY CYCLE Blank=50 ±10(%) (Standard), T=50 ±5(%) FREQUENCY DEVIATION Blank=±50ppm Minimum (Standard) A=±100ppm Minimum AVAILABLE OPTIONS Blank=None (Standard) CLXXX=Custom Lead Length (See Page 133) G=Full Size Gull Wing (See Page 132) FREQUENCY OPERATING TEMP. RANGE Blank=0°C to 70°C (Standard) ET=-40°C to 85°C LINEARITY Blank=20% Maximum(Standard) 15=15% Maximum 10=10% Maximum PART NUMBERING GUIDE Pin 1: Control Voltage (Vc) Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS MARKING SPECIFICATIONS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Line 1: ECLIPTEK Line 2: EC32 Series Designator Line 3: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 4: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Note: Pin 1 shall be designated with a dot Characteristic Specification Seal Integrity Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds minimum. Solderability Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage. Marking Permanency 10 Strokes with brush after 1 minute soak in solvent, 3 times. Shock Random drop on hard wooden plate 3 times from a height of 20cm. Vibration Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours. 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. |
Similar Part No. - EC3200A10ET-24.000M-CL |
|
Similar Description - EC3200A10ET-24.000M-CL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |