Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEP16AT Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # FEP16AT
Description  16A Super Fast Recovery Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

FEP16AT Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  FEP16AT Datasheet HTML 1Page - TAITRON Components Incorporated FEP16AT Datasheet HTML 2Page - TAITRON Components Incorporated FEP16AT Datasheet HTML 3Page - TAITRON Components Incorporated FEP16AT Datasheet HTML 4Page - TAITRON Components Incorporated FEP16AT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
16A Super Fast Recovery Rectifiers
Rev. A/AH 2008-04-25
FEP16AT – FEP16JT
www.taitroncomponents.com
Page 2 of 5
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz
Fig.1-Forward Current Derating Curve
Case Temperature (°C)
Typical Characteristics Curves
Symbol
Description
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage per leg
0.95
1.30
1.50
V
IF=8.0A
10
TC=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
500
µA
TC=100° C
Trr
Typical Reverse
Recovery Time per leg
35
50
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance per leg
85
60
pF
VR=4V, f=1MHz
RthJC
Typical Thermal
Resistance from
Junction to Case per
leg
2.2
° C/W
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C


Similar Part No. - FEP16AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Vishay Siliconix
FEP16AT VISHAY-FEP16AT Datasheet
157Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 07-Nov-07
More results

Similar Description - FEP16AT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
logo
Frontier Electronics.
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
MUR1660CT ASEMI-MUR1660CT Datasheet
282Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
MURF1660CT ASEMI-MURF1660CT Datasheet
296Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SF1606 ASEMI-SF1606 Datasheet
282Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com