Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1008 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBJ1008
Description  Single-Phase Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBJ1008 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBJ1008 Datasheet HTML 1Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 2Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 3Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Single-Phase Glass Passivated Bridge Rectifier
Rev. A/AH 2007-11-30
GBJ10005 – GBJ1010
www.taitroncomponents.com
Page 2 of 4
Fig.1- Derating Curve Output Rectified Current
Ambient Temperature (°C)
Fig.2- Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycle at 60Hz
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Notes:
1. Non-repetitive. For 1>1ms and <8.3ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per leg. Unit mounted 100 x 100 x 1.6mm
aluminum plate heat sink.
4. Single phase, 60Hz, resistive or inductive load.
5. For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
GBJ10
005
GBJ10
01
GBJ10
02
GBJ10
04
GBJ10
06
GBJ10
08
GBJ10
10
Unit
VF
Max. Instantaneous Forward Voltage Drop
per leg at 5A DC
1.05
V
TA=25°C
10
IR
Max. DC Reverse Current
at Rated DC Blocking
Voltage per leg
TA=125°C
250
μA
Rθ-JA
Typical Thermal Resistance Junction to case
(Note3)
22
° C/W


Similar Part No. - GBJ1008

ManufacturerPart #DatasheetDescription
logo
RFE international
GBJ1008 RFE-GBJ1008 Datasheet
1,021Kb / 3P
   Bridge Rectifiers
17-APR-2023
logo
Diodes Incorporated
GBJ1008 DIODES-GBJ1008 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBJ1008 SECOS-GBJ1008 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ1008 MCC-GBJ1008 Datasheet
226Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ1008 MCC-GBJ1008 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ1008

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com