Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1510 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GBJ1510
Description  Single-Phase Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBJ1510 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GBJ1510 Datasheet HTML 1Page - TAITRON Components Incorporated GBJ1510 Datasheet HTML 2Page - TAITRON Components Incorporated GBJ1510 Datasheet HTML 3Page - TAITRON Components Incorporated GBJ1510 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-11-29
GBJ15005 – GBJ1510
Single-Phase
Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Single-Phase Glass Passivated Bridge Rectifier
Features
• Plastic package has Underwriters Laboratory Flammability
Classification 94 V-0
• Glass passivated die construction
• High case dielectric strength of 1500 VRMS
• Low reverse leakage current
• Ideal for printed circuit boards
• Surge overload rating to 240A Peak
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
Molded Plastic
Terminals:
Plated leads solderable per MIL-STD-202, method 208
Polarity:
Molded on Body
Mounting:
Through Hole for #6 Screw
Mounting
Torque:
6.0 In-1bs Max.
Weight:
6.6 grams
Maximum Ratings (T
Ambient=25ºC unless noted)
Symbol
Description
GBJ15
005
GBJ15
01
GBJ15
02
GBJ15
04
GBJ15
06
GBJ15
08
GBJ15
10
Unit
VRRM
Max. Repetitive Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Max. Average Forward Rectified Output
Current at TC=100°C
15
A
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load(JEDEC method)
240
A
t
Rating for Fusing (t<8.3ms)
240
A²s
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
° C
GBJ


Similar Part No. - GBJ1510

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBJ1510 CHENDA-GBJ1510 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1510 DIODES-GBJ1510 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ1510 MCC-GBJ1510 Datasheet
218Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Kingtronics Internation...
GBJ1510 KINGTRONICS-GBJ1510 Datasheet
383Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
logo
Shanghai Shunye Electro...
GBJ1510 SY-GBJ1510 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ1510

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com