Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15-08W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBPC15-08W
Description  15A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC15-08W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBPC15-08W Datasheet HTML 1Page - TAITRON Components Incorporated GBPC15-08W Datasheet HTML 2Page - TAITRON Components Incorporated GBPC15-08W Datasheet HTML 3Page - TAITRON Components Incorporated GBPC15-08W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-05-05
www.taitroncomponents.com
Page 2 of 4
15A Glass Passivated Bridge Rectifier
GBPC15-005W – GBPC15-10W
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60Hz
Fig.1-Max. Output Rectified Current
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
5× 4×3”
AL. Finned Plate
Resistive or
Inductive Load
60 Hz
Case Temperature (°C)
IF(AV)
Max. Average Forward
Rectified Output Current
15.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
300
A
8.3ms single
half
sine-wave
superimposed
on rated load
(JEDEC
method)
VF
Max. Instantaneous
Forward Voltage drop per
leg
1.1
V
IF(AV)=7.5A
5.0
µA
TC = 25°C
IR
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
500
µA
TC = 125°C
I²t
Rating for Fusing
(1ms<t<8.3ms)
375
A²s
CJ
Typical junction
capacitance
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
1.9
°C / W Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Bolt down on Heatsink with Silicone Thermal Compound Between and Mounting Surface for
Maximum Heat Transfer with #10 Screw.
Typical Characteristics Curves


Similar Part No. - GBPC15-08W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC15-08 ETC2-GBPC15-08 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
GBPC15-08 TAITRON-GBPC15-08 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC15-08 TSC-GBPC15-08 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15-08 TSC-GBPC15-08 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC15-08W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com