Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC35-02 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GBPC35-02
Description  35A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC35-02 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GBPC35-02 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC35-02 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC35-02 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC35-02 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-05-05
GBPC35-005 – GBPC35-10
35A Glass
Passivated Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
35A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• Integrally molded heatsink provides very low thermal
Resistance for Maximm heat dissipation
• Universal 3-way terminals; snap-on, wire wrap-around
Or P.C.B mounting
• Typical IR less than 0.3µA
• High forward surge current capability
• High temperature soldering guaranteed: 260˚C/10 seconds
at 5lbs.(2.3kg) tension
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
GBPC35, Molded plastic with heatsink integrally mounted in the bridge encapsulation
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated 0.25” (6.35mm) faston lugs
Polarity:
Polarity symbols molded on body
Mounting Position
See note 2
Mounting Torque
20in.-lb.Max
Weight:
21 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
GBPC
35-005
GBPC
35-01
GBPC
35-02
GBPC
35-04
GBPC
35-06
GBPC
35-08
GBPC
35-10
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
GBPC35


Similar Part No. - GBPC35-02

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC35-02 TSC-GBPC35-02 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC35-02 TSC-GBPC35-02 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
GBPC35-02W TAITRON-GBPC35-02W Datasheet
144Kb / 4P
   35A Glass Passivated Bridge Rectifier
More results

Similar Description - GBPC35-02

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
GBPC35005 DIODES-GBPC35005_1 Datasheet
376Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
logo
Zibo Seno Electronic En...
KBJ35005 ZSELEC-KBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS35005M ZSELEC-RS35005M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3501M ZSELEC-RS3501M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC35-005W TAITRON-GBPC35-005W Datasheet
144Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBJ3501G YFWDIODE-GBJ3501G Datasheet
768Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com