Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC40-01 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # GBPC40-01
Description  40A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC40-01 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  GBPC40-01 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC40-01 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC40-01 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC40-01 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A/DX 2007-06-03
www.taitroncomponents.com
Page 3 of 4
40A Glass Passivated Bridge Rectifier
GBPC40-005 – GBPC40-10
Fig.4-Typical Reverse Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
Fig.3-Typical Instantaneous Forward
Characteristic Per Leg
VF, Instantaneous forward voltage (V)
Fig.5-Typical Junction Capacitance Per Leg
Reverse Voltage (V)


Similar Part No. - GBPC40-01

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC40-01 TSC-GBPC40-01 Datasheet
121Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC40-01 TSC-GBPC40-01 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC40-01

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40 WTE-GBPC40_06 Datasheet
62Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
C2540 WTE-C2540 Datasheet
21Kb / 2P
   40A GLASS PASSIVATED AVALANCHE RECTIFIER CELL
logo
Taiwan Semiconductor Co...
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com