Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC50-08 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBPC50-08
Description  50A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC50-08 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBPC50-08 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC50-08 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC50-08 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC50-08 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-06-03
www.taitroncomponents.com
Page 2 of 4
50A Glass Passivated Bridge Rectifier
GBPC50-005 – GBPC50-10
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60Hz
Fig.1-Max. Output Rectified Current
Case Temperature (°C)
VF
Max. Instantaneous
Forward Voltage drop per
leg
1.1
V
IF(AV)=25A
5.0
µA
TC = 25°C
IR
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
500
µA
TC = 125°C
I²t
Rating for Fusing
(1ms<t<8.3ms)
800
A²s
CJ
Typical junction
capacitance
400
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
1.0
°C / W Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Mounted on 229 × 102 × 117mm Al. finned plate.
Typical Characteristics Curves


Similar Part No. - GBPC50-08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC50-08 TSC-GBPC50-08 Datasheet
121Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC50-08 TSC-GBPC50-08 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC50-08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40G WTE-GBPC40G Datasheet
53Kb / 4P
   40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ5001G YFWDIODE-GBJ5001G Datasheet
595Kb / 3P
   50A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Nell Semiconductor Co.,...
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
GBPC40GS WTE-GBPC40GS Datasheet
47Kb / 3P
   40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
GBPC50 WTE-GBPC50 Datasheet
60Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com