Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1125-60.000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC1125-60.000M
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1125-60.000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC1125-60.000M Datasheet HTML 1Page - Ecliptek Corporation EC1125-60.000M Datasheet HTML 2Page - Ecliptek Corporation EC1125-60.000M Datasheet HTML 3Page - Ecliptek Corporation EC1125-60.000M Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECLIPTEK CORP.
OSCILLATOR
EC11
14 pin DIP
5.0V
OS04
08/06
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC11 00 ET T TS - 60.000M - G
FREQUENCY TOLERANCE / STABILITY
00=±100ppm Max.(Standard), 45=±50ppm Max.
25=±25ppm Max., 20=±20ppm Max.
OPERATING TEMP. RANGE
Blank=0°C to 70°C (Standard), ET=-40°C to 85°C
DUTY CYCLE
Blank=50 ±10(%) (Standard), T=50 ±5(%)
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length (See Page 133)
G=Full Size Gull Wing (See Page 132)
FREQUENCY
K=kHz, M=MHz
OUTPUT CONTROL FUNCTION
Blank=None (No Connection on Pin 1)
TS=Tri-State Enable High
PART NUMBERING GUIDE
Line 1: ECLIPTEK
Line 2: EC11 TS
Output Control Function
Blank = None (No Connection on Pin 1)
TS = Tri-State Enable High
Series Designator
Line 3: XX.XXX M
M=MHz, K=kHz
Frequency (5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
____________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
______________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Pin 1: No Connect or Tri-State
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply Voltage
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Characteristic
Specification
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215


Similar Part No. - EC1125-60.000M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
Schurter Inc.
EC11 SCHURTER-EC11 Datasheet
445Kb / 4P
   IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
EC11 SCHURTER-EC11 Datasheet
346Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC11 SCHURTER-EC11 Datasheet
366Kb / 2P
   EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC11 SCHURTER-EC11 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - EC1125-60.000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com