Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC106 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GBPC106
Description  3.0A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC106 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GBPC106 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC106 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC106 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC106 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-05-24
GBPC1005 – GBPC110
3.0A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
3.0A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• High case dielectric strength 1500 VRMS
• Typical IR less than 0.1µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS compliant
Mechanical Data
Case:
GBPC1, Molded plastic body over passivated juntions
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated leads solderable per MIL-STD-750, Method 2026
Polarity:
As marked on case
Mounting
Torque:
8.8 in. – lbs. max.
Weight:
0.1 ounce, 2.8 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
GBPC
1005
GBPC
101
GBPC
102
GBPC
104
GBPC
106
GBPC
108
GBPC
110
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current
3.0
A
TC=60° C
Note 1
IFSM
Peak Forward Surge Current
60
A
8.3ms Single
Sine-wave
Superimposed
on Rated Load
(JEDEC Method)
GBPC1


Similar Part No. - GBPC106

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBPC106 GE-GBPC106 Datasheet
83Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC106 VISHAY-GBPC106 Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
MIC GROUP RECTIFIERS
GBPC106 MIC-GBPC106 Datasheet
68Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC106 VISHAY-GBPC106 Datasheet
76Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
GBPC106-E4/51 VISHAY-GBPC106-E4/51 Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - GBPC106

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3KB1 YFWDIODE-D3KB1 Datasheet
461Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF305 ZSELEC-DBF305 Datasheet
162Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB305G TAITRON-TB305G Datasheet
168Kb / 4P
   3.0A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com