Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8D Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBU8D
Description  8 A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBU8D Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBU8D Datasheet HTML 1Page - TAITRON Components Incorporated GBU8D Datasheet HTML 2Page - TAITRON Components Incorporated GBU8D Datasheet HTML 3Page - TAITRON Components Incorporated GBU8D Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B/AH 2008-03-28
www.taitroncomponents.com
Page 2 of 4
8 A Glass Passivated Bridge Rectifier
GBU8A – GBU8M
Fig.1- Derating Curve Output
Rectified Current
Temperature (°C)
Symbols
Parameter
GBU
8A
GBU
8B
GBU
8D
GBU
8G
GBU
8J
GBU
8K
GBU
8M
Unit
t
Rating for Fusing (1ms<t<8.3ms)
166
A²s
R θ JA
Typical Thermal Resistance per leg (Note 2)
21
˚C/W
R θ JC
Typical Thermal Resistance per leg (Note 1)
2.2
˚C/W
TJ,TSTG
Operating and Storage Temperature Range
-55 to 150
˚C
Note:
1.Mounted on 82 x 82 x 3.0mm Al. plate
2.Mounted on PCB at 9.5mm lead length with 12mm² copper pad
3.Single Phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz


Similar Part No. - GBU8D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU8D PANJIT-GBU8D Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU8D GENESIC-GBU8D Datasheet
375Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU8D PANJIT-GBU8D Datasheet
50Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU8D SHUNYE-GBU8D Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
GBU8D EIC-GBU8D Datasheet
168Kb / 2P
   Glass Passivated
More results

Similar Description - GBU8D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBL005 SUNMATE-GBL005 Datasheet
283Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER A
logo
List of Unclassifed Man...
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
logo
WILLAS ELECTRONIC CORP
GBU8AL WILLAS-GBU8AL Datasheet
209Kb / 2P
   8 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
GBU8A WILLAS-GBU8A Datasheet
381Kb / 2P
   8 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBU4A TAITRON-GBU4A Datasheet
247Kb / 4P
   4 A Glass Passivated Bridge Rectifier
GBU10A TAITRON-GBU10A Datasheet
196Kb / 3P
   10 A Glass Passivated Bridge Rectifier
GBU6A TAITRON-GBU6A Datasheet
260Kb / 4P
   6 A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBPC3501 YFWDIODE-GBPC3501 Datasheet
462Kb / 3P
   35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com