Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU10J Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # GBU10J
Description  10 A Glass Passivated Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBU10J Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  GBU10J Datasheet HTML 1Page - TAITRON Components Incorporated GBU10J Datasheet HTML 2Page - TAITRON Components Incorporated GBU10J Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. A/AH 2007-09-07
www.taitroncomponents.com
Page 3 of 3
10 A Glass Passivated Bridge Rectifier
GBU10A – GBU10K
Dimensions in inch (mm)
How to contact us
Case Type GBU
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - GBU10J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU10J PANJIT-GBU10J Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU10J GENESIC-GBU10J Datasheet
344Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
SHIKUES Electronics
GBU10J SKTECHNOLGY-GBU10J Datasheet
1Mb / 3P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Pan Jit International I...
GBU10J PANJIT-GBU10J Datasheet
40Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
GBU10J ETC2-GBU10J Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBU10J

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBL005 SUNMATE-GBL005 Datasheet
283Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER A
logo
List of Unclassifed Man...
FB1000 ETC1-FB1000 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
GBU4A TAITRON-GBU4A Datasheet
247Kb / 4P
   4 A Glass Passivated Bridge Rectifier
GBU8A TAITRON-GBU8A Datasheet
259Kb / 4P
   8 A Glass Passivated Bridge Rectifier
GBU6A TAITRON-GBU6A Datasheet
260Kb / 4P
   6 A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBPC3501 YFWDIODE-GBPC3501 Datasheet
462Kb / 3P
   35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com