Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF1Z Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # GF1Z
Description  1.0A Surface Mount Sintered Glass Passivated Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF1Z Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  GF1Z Datasheet HTML 1Page - TAITRON Components Incorporated GF1Z Datasheet HTML 2Page - TAITRON Components Incorporated GF1Z Datasheet HTML 3Page - TAITRON Components Incorporated GF1Z Datasheet HTML 4Page - TAITRON Components Incorporated GF1Z Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.0 A Surface Mount Sintered Glass Passivated Rectifier
Rev. D/AH 2008-01-17
GF1Q - GF1MM
www.taitroncomponents.com
Page 5 of 5
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - GF1Z

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GF1000 COOPER-GF1000 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
GF1000 ETC2-GF1000 Datasheet
307Kb / 2P
   Ambient and accelerated cure schedules
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
logo
CUI Devices
GF1003 CUID-GF1003 Datasheet
1Mb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GF1003M CUI-GF1003M Datasheet
269Kb / 2P
   Square frame mylar cone - ferrite magnet
More results

Similar Description - GF1Z

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com