Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC40-04S Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # KBPC40-04S
Description  40A Single-Phase in-line Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

KBPC40-04S Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  KBPC40-04S Datasheet HTML 1Page - TAITRON Components Incorporated KBPC40-04S Datasheet HTML 2Page - TAITRON Components Incorporated KBPC40-04S Datasheet HTML 3Page - TAITRON Components Incorporated KBPC40-04S Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40A Single-Phase in-line Bridge Rectifier
Rev. A/DX 2007-06-09
KBPC40-005S – KBPC40-10S
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
TA, Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
KBPC40
-005S
KBPC40
-01S
KBPC40
-02S
KBPC40
-04S
KBPC40
-06S
KBP40
-08S
KBPC40
-10S
Unit
Conditions
VFM
Forward Voltage per
leg
1.1
V
IO=20A
10
µA
TC = 25°C
IRM
Max. Reverse DC
Current At Rated DC
Blocking Voltage per
leg
500
µA
TC = 125°C
I²t
Rating for Fusing
(t<8.3ms)
664
A²s
CJ
Typical junction
capacitance per leg
400
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
2.1
°C / W Note
VISO
RMS Isolation Voltage
from Case to Leads
2500
V
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +150
° C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves


Similar Part No. - KBPC40-04S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC40-04 ETC1-KBPC40-04 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC40-04S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
   40A Single-Phase Bridge Rectifier
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 31-Jan-08
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 18-Oct-17
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
GSIB420 VISHAY-GSIB420 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifier
26-Nov-03
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
   50A Single-Phase in-line Bridge Rectifier
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com