Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDV-P9006 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PDV-P9006
Description  CdS Photoconductive Photocells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PDV-P9006 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PDV-P9006 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Visible light response
• Sintered construction
• Low cost
SYMBOL
PARAMETER
MIN
MAX
UNITS
Vpk
Applied Voltage
150
V
Pd Δpo/Δt
Continuous Power Dissipation
90
mW/°C
TO
Operating and Storage Temperature
-30
+75
°C
TS
Soldering Temperature*
+260
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RD
Dark Resistance
After 10 sec. @ 10 Lux @ 2856
°K
5
M
W
RI
Illuminated Resistance
10 Lux @ 2856
°K
80
200
K
W
S
Sensitivity
LOG(R100)-LOG(R10)**
LOG(E100)-LOG(E10)***
1
W/Lux
lrange
Spectral Application Range Flooded
400
700
nm
lpeak
Spectral Application Range Flooded
520
nm
tr
Rise Time
10 Lux @ 2856
°K
60
ms
Tf
Fall Time
After 10 Lux @ 2856
°K
25
ms
CdS Photoconductive Photocells
PDV-P9006
PACKAGE DIMENSIONS INCH [mm]
The PDV-P9006 are (CdS), Photoconductive
photocells designed to sense light from 400 to 700
nm. These light dependent resistors are available in
a wide range of resistance values. They’re packaged
in a two leaded plastic-coated ceramic header.
• Camera exposure
• Shutter controls
• Night light Controls
* 0.200 inch from base for 3 seconds with heat sink.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**R100, R10: cell resistances at 100 Lux and 10 Lux at 2856
°K respectively .
***E100, E10: luminances at 100 Lux and 10 Lux 2856
°K respectively.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
REV 3/30/06
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
PACKAGE DIMENSIONS INCH [mm]
CERAMIC PACKAGE
Ø.165 [4.19]
±.010 [0.25]
.138 [3.50]
.079 [2.00]
+.015 [0.38]
-.010 [0.25]
2X 1.023 [26.0]
.100 [2.54]
2X Ø.016 [0.40]
EPOXY ON LEADS 3 mm MAX
PLASTIC
COATED
±.010 [0.25]


Similar Part No. - PDV-P9006

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDV-P9001 ADVANCEDPHOTONIX-PDV-P9001 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9002 ADVANCEDPHOTONIX-PDV-P9002 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9002-1 ADVANCEDPHOTONIX-PDV-P9002-1 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9003 ADVANCEDPHOTONIX-PDV-P9003 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9003-1 ADVANCEDPHOTONIX-PDV-P9003-1 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
More results

Similar Description - PDV-P9006

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDV-P9103 ADVANCEDPHOTONIX-PDV-P9103 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
PDV-P7002 ADVANCEDPHOTONIX-PDV-P7002 Datasheet
117Kb / 1P
   CdS Photoconductive Photocells
PDV-P8005 ADVANCEDPHOTONIX-PDV-P8005 Datasheet
93Kb / 1P
   CdS Photoconductive Photocells
PDV-P9007 ADVANCEDPHOTONIX-PDV-P9007 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
PDV-P9203 ADVANCEDPHOTONIX-PDV-P9203 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
PDV-P5003 ADVANCEDPHOTONIX-PDV-P5003 Datasheet
46Kb / 1P
   CdS Photoconductive Photocells
PDV-P8105 ADVANCEDPHOTONIX-PDV-P8105 Datasheet
93Kb / 1P
   CdS Photoconductive Photocells
PDV-P9005 ADVANCEDPHOTONIX-PDV-P9005 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9005-1 ADVANCEDPHOTONIX-PDV-P9005-1 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P9003 ADVANCEDPHOTONIX-PDV-P9003 Datasheet
89Kb / 1P
   CdS Photoconductive Photocells
PDV-P8006 ADVANCEDPHOTONIX-PDV-P8006 Datasheet
93Kb / 1P
   CdS Photoconductive Photocells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com