Selected language     English  ā–¼


ST7262 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Download  132 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
ST7262
6/132
PIN DESCRIPTION (Contā€™d)
Figure 3. 34-Pin SO and 32-Pin SDIP Package Pinouts
28
27
26
25
24
23
22
21
20
19
18
29
30
31
32
PC4 / SS / INT11
PC5 / MISO / IT12
PA4 / AIN4
PA3 / AIN3 / IT4
PA2 / AIN2 / IT3
PA1 / AIN1 / IT2
PA0 / AIN0 / IT1 / USBOE
VSSA
USBDM
USBVCC
VDDA
VPP
RESET
PC6 / MOSI
USBDP
PC7
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IT10 / SCK / PC3
IT9 / PC2
AIN7 / PA7
MCO / PB0 (HS)
RDI / PB1 (HS)
TDO / PB2 (HS)
ARTCLK / PB3 (HS)
IT5 / ARTIC1 / PB4 (HS)
ICCCLK / IT6 /ARTIC2 / PB5 (HS)
IT8 / PWM1 / PB7 (HS)
VDD
VSS
OSCOUT
OSCIN
ICCDATA / IT7 / PWM0 / PB6 (HS)
PA5 / AIN5
AIN6 / PA6
33
34
17
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
IT10 / SCK / PC3
IT9 / PC2
AIN7 / PA7
MCO / PB0 (HS)
RDI / PB1 (HS)
TDO / PB2 (HS)
ARTCLK / PB3 (HS)
IT5 / ARTIC1 / PB4 (HS)
ICCCLK / IT6 / ARTIC2 / PB5 (HS)
IT8 / PWM1 / PB7 (HS)
VDD
VSS
OSCOUT
OSCIN
ICCDATA / IT7 / PWM0 / PB6 (HS)
AIN6 / PA6
PC4 / SS / INT11
PC5 / MISO / IT12
PA4 / AIN4
PA3 / AIN3 / IT4
PA2 / AIN2 / IT3
PA1 / AIN1 / IT2
PA0 / AIN0 / IT1 / USBOE
VSSA
USBDM
USBVCC
VDDA
VPP
RESET
PC6 / MOSI
USBDP
PA5 / AIN5
PC1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST7261LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS ROM MEMORY LVD WDG TIMER 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & IĀ²C 1 2 3 4 5 MoreSTMicroelectronics
ST72F324LJ2T3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST7263LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY up to 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I2C 1 2 3 4 5 MoreSTMicroelectronics
ST72260G8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72F521M8-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC FIVE TIMERS SPI SCI I2C CAN INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST723618-BIT MCU WITH FLASH OR ROM 10-BIT ADC 5 TIMERS SPI 2x LINSCI 1 2 3 4 5 MoreSTMicroelectronics
ST723218-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC FIVE TIMERS SPI SCI I2C INTERFACE 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl