Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L24H-XX-TR30 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # LM78L24H-XX-TR30
Description  100mA Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78L24H-XX-TR30 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  LM78L24H-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 5Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 6Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 7Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 8Page - TAITRON Components Incorporated LM78L24H-XX-TR30 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
100mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78L
www.taitroncomponents.com
Page 5 of 14
For LM78L09 (VIN=15V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78L09
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
8.64
9.0
9.36
V
TJ=25℃
8.55
-
9.45
V
11.5V≤VIN≤24V, IOUT=1mA-
40mA
VOUT
Output Voltage
8.55
-
9.45
V
11.5V≤VIN≤VMAX, IOUT=1mA-
70mA
Power Dissipation<0.5W
-
20
90
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
10
45
mV
TJ=25℃, 1mA≤IOUT≤40mA
-
90
200
mV
TJ=25℃, 11.5V≤VIN≤24V
∆VOUT
Line Regulation
-
100
150
mV
TJ=25℃, 13V≤VIN≤24V
IQ
Quiescent Current
-
2.0
6.0
mA
VIN=15V, IOUT=0mA, TJ=25℃
-
-
1.5
mA
13V≤VIN≤24V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
70
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.75
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
38
44
-
dB
12V≤VIN≤24V, f=120Hz, TJ=25
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
For LM78L10 (VIN=16V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78L10
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
9.6
10.0
10.4
V
TJ=25℃
9.5
-
10.5
V
12.5V≤VIN≤25V, IOUT=1mA-40mA
VOUT
Output Voltage
9.5
-
10.5
V
12.5V≤VIN≤VMAX, IOUT=1mA-
70mA
Power Dissipation<0.5W
-
20
94
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
10
47
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
100
200
mV
TJ=25℃, 12.5V≤VIN≤25V
∆VOUT
Line Regulation
-
100
170
mV
TJ=25℃, 14V≤VIN≤25V
IQ
Quiescent Current
-
2.0
6.0
mA
VIN=17V, IOUT=0mA, TJ=25℃
-
-
1.5
mA
12.5V≤VIN≤25V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
74
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.8
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
38
43
-
dB
15V≤VIN≤25V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃


Similar Part No. - LM78L24H-XX-TR30

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L24 HTC-LM78L24 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM78L24 FCI-LM78L24 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L24 HTC-LM78L24 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L24A HTC-LM78L24A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78L24A3 CYSTEKEC-LM78L24A3 Datasheet
501Kb / 14P
   LM78LXXA3/M3 CYStek Product Specification
More results

Similar Description - LM78L24H-XX-TR30

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com