Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGA-P014458-QGG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # VGA-P014458-QGG
Description  17-27GHz Variable Gain Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

VGA-P014458-QGG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button VGA-P014458-QGG Datasheet HTML 7Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 8Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 9Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 10Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 11Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 12Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 13Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 14Page - United Monolithic Semiconductors VGA-P014458-QGG Datasheet HTML 15Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
17-27GHz Variable Gain Amplifier
VGA-P014458-QGG
Ref: DSVGA-PO14458-QGG8028 - 28 Jan 08
11/16
/Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Gain and Output Power versus Input Power and Temperature @ 17.5GHz
Gain and Output Power versus Input Power and Temperature @ 22GHz
Gain and Output Power versus Input Power and Temperature @ 26.5GHz
-10
-6
-2
2
6
10
14
18
22
26
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
Input Power (dBm)
-10
-6
-2
2
6
10
14
18
22
26
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
Input Power (dBm)
-10
-6
-2
2
6
10
14
18
22
26
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
Input Power (dBm)
-40°C
+25°C
+75°C
GcX=-0.9V
GcX=-2V
GcX=-0.9V
GcX=-2V
GcX=-0.9V
GcX=-2V
-40°C
+25°C
+75°C
-40°C
+25°C
+75°C


Similar Part No. - VGA-P014458-QGG

ManufacturerPart #DatasheetDescription
logo
Surge Components
VGA SURGE-VGA Datasheet
688Kb / 2P
   rohs compliance
logo
RFE international
VGA101M0JTR063057 RFE-VGA101M0JTR063057 Datasheet
115Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VGA Series: SMT, 105C Extended Range
logo
List of Unclassifed Man...
VGA4 ETC2-VGA4 Datasheet
485Kb / 1P
   1x Mini PCI-E slot (mSATA compatible)
VGA4 ETC2-VGA4 Datasheet
589Kb / 1P
   4x DDR3 DIMM, Max. 32 GB
VGA4 ETC2-VGA4 Datasheet
336Kb / 1P
   6x PCI-E Gigabit LAN ports, up to 8 ports
More results

Similar Description - VGA-P014458-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
   17-24GHz Variable Gain Amplifier
CHA5056-QGG UMS-CHA5056-QGG Datasheet
1Mb / 12P
   17-27GHz High Power Amplifier
CHA5056 UMS-CHA5056 Datasheet
273Kb / 8P
   17-27GHz High Power Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4 Datasheet
486Kb / 8P
   Variable Gain Amplifier 17 to 27 GHz
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com