Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7815T-XX-AR Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM7815T-XX-AR
Description  1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7815T-XX-AR Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM7815T-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LM7815T-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1A Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78xx
www.taitroncomponents.com
Page 4 of 12
For LM7806 (VIN=11V, IOUT=0.5A, C1=0.33µF, CO =0.1µF)
LM7806
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
5.76
6.0
6.24
V
IOUT=5mA-1.0A
VOUT
Output Voltage
5.70
-
6.30
V
8.5V≤VIN≤21V, IOUT=5mA-1.0A
-
-
60
mV
IOUT=5mA-1.0A
∆VOUT
Load Regulation
-
-
30
mV
IOUT=0.25A-0.75A
-
-
60
mV
8V≤VIN≤25V
∆VOUT
Line Regulation
-
-
60
mV
8.5V≤VIN≤21V, IOUT=1.0A
IQ
Quiescent Current
-
-
8.0
mA
IOUT≦1.0A
-
-
1.0
mA
8.5V≤VIN≤21V
∆IQ
Quiescent Current Change
-
-
0.5
mA
IOUT=5mA-1.0A
eN
Output Noise Voltage
-
45
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-0.7
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
59
75
-
dB
9V≤VIN≤19V, f=120Hz
IPEAK
Peak Output Current
-
1.8
-
A
-
ISC
Short-Circuit Current
-
250
-
mA
VIN=35V
VD
Dropout Voltage
-
2.0
-
V
-
For LM7808 (VIN=14V, IOUT=0.5A, C1=0.33µF, CO =0.1µF)
LM7808
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
7.68
8.0
8.32
V
IOUT=5mA-1.0A
VOUT
Output Voltage
7.60
-
8.40
V
10.5V≤VIN≤23V, IOUT=5mA-1.0A
-
-
80
mV
IOUT=5mA-1.0A
∆VOUT
Load Regulation
-
-
40
mV
IOUT=0.25A-0.75A
-
-
80
mV
10.5V≤VIN≤25V
∆VOUT
Line Regulation
-
-
80
mV
10.5V≤VIN≤23V, IOUT=1.0A
IQ
Quiescent Current
-
-
8.0
mA
IOUT≦1.0A
-
-
1.0
mA
10.5V≤VIN≤23V
∆IQ
Quiescent Current Change
-
-
0.5
mA
IOUT=5mA-1.0A
eN
Output Noise Voltage
-
58
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-0.9
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
56
72
-
dB
11.5V≤VIN≤21.5V, f=120Hz
IPEAK
Peak Output Current
-
1.8
-
A
-
ISC
Short-Circuit Current
-
250
-
mA
VIN=35V
VD
Dropout Voltage
-
2.0
-
V
-


Similar Part No. - LM7815T-XX-AR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7815T-85-RG30 TAITRON-LM7815T-85-RG30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
LM7815T-85-TR30 TAITRON-LM7815T-85-TR30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
More results

Similar Description - LM7815T-XX-AR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com