Electronic Components Datasheet Search |
|
EC3G-B-20-30000M-CL175 Datasheet(PDF) 3 Page - Ecliptek Corporation |
|
EC3G-B-20-30000M-CL175 Datasheet(HTML) 3 Page - Ecliptek Corporation |
3 / 3 page PART NUMBERING GUIDE MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS MARKING SPECIFICATIONS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS PARAMETER SPECIFICATION Fine Leak Test MIL-STD-883, Method 1014, Condition A Gross Leak Test MIL-STD-883, Method 1014, Condition C Mechanical Shock MIL-STD-202, Method 213, Condition C Vibration MIL-STD-883, Method 2007, Condition A Lead Integrity MIL-STD-883, Method 2004 Solderability MIL-STD-883, Method 2002 Temperature Cycling MIL-STD-883, Method 1010 Resistance to Soldering Heat MIL-STD-202, Method 210 Resistance to Solvents MIL-STD-202, Method 215 MANUFACTURER CATEGORY SERIES PACKAGE CLASS REV .DATE ECLIPTEK CORP. CRYSTAL EC3 HC-49/UST CR37 01/06 EC3 A - T - 20 - 30.000M - I2 AVAILABLE OPTIONS Blank=None (Std) CL150=Custom Lead Length (See Page 42) CL175=Custom Lead Length (See Page 42) I2=Insulator Tab (See Page 42) FREQUENCY LOAD CAPACITANCE Blank=18pF (Standard), S=Series XX=XXpF (Custom) MODE OF OPERATION / CRYSTAL CUT Blank=Fundamental / AT, B=Fundamental / BT T=Third Overtone / AT 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ Pin 1: Input/Output Pin 2: Case Ground Pin 3: Input/Output FREQUENCY TOLERANCE / STABILITY Blank=±50ppm at 25°C, ±100ppm from 0°C to 70°C A=±50ppm at 25°C, ±100ppm from -20°C to 70°C B=±50ppm at 25°C, ±100ppm from -40°C to 85°C C=±30ppm at 25°C, ±50ppm from 0°C to 70°C D=±30ppm at 25°C, ±50ppm from -20°C to 70°C E=±30ppm at 25°C, ±50ppm from -40°C to 85°C F=±15ppm at 25°C, ±30ppm from 0°C to 70°C G=±15ppm at 25°C, ±30ppm from -20°C to 70°C H=±15ppm at 25°C, ±30ppm from -40°C to 85°C J=±15ppm at 25°C, ±20ppm from 0°C to 70°C K=±15ppm at 25°C, ±20ppm from -20°C to 70°C L=±15ppm at 25°C, ±20ppm from -40°C to 85°C M=±10ppm at 25°C, ±15ppm from 0°C to 70°C N=±10ppm at 25°C, ±15ppm from -20°C to 70°C Line 1: E XX.XXX M M or Blank (No Marking) Frequency in MHz (5 Digits Maximum + Decimal) OBSOLETE |
Similar Part No. - EC3G-B-20-30000M-CL175 |
|
Similar Description - EC3G-B-20-30000M-CL175 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |