Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393P8-XX-TR70 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # LM393P8-XX-TR70
Description  Voltage Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM393P8-XX-TR70 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LM393P8-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated LM393P8-XX-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Comparator
Rev. A/DX 2007-06-04
LM393
www.taitroncomponents.com
Page 3 of 11
Absolute Maximum Ratings
Symbol
Description
LM393
Unit
VCC
Supply Voltage
±18 or 36
V
VI(DIFF)
Differential Input Voltage
36
V
VIN
Input Voltage
-0.3 ~ 36
V
TSSOP-8
570
SOP-8
660
PD
Power
Dissipation
DIP-8
780
mW
TJ
Operating Junction Temperature
150
° C
TOPR
Operating Temperature Range
-40 ~ 85
° C
TSTG
Storage Temperature Range
-65 ~ 150
° C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Electrical Characteristics
(VCC=5.0V, TA=25ºC, all voltage referenced to GND unless otherwise specified)
LM393
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VI(OFF)
Input Offset Voltage
-
1.0
5.0
mV
VCM=0V to VCC-1.5V
VO(P)=1.4V,RS=0
VSAT
Output Saturation Voltage
-
160
400
mV
VI(-)>1V, VI(+)=0V, ISINK=4mA
VI(CM)
Input Common Mode Voltage
0
-
VCC
-1.5
V
VCC=30V
GV
Large Signal Voltage Gain
50
200
-
V/mV
VCC=15V, RL
15KΩ
-
0.8
2.5
RL=∞, VCC=30V
ICC
Power Supply Current
-
0.6
1.0
mA
RL=∞
II(OFF)
Input Offset Current
-
5
50
nA
-
II(BIAS)
Input Bias Current
-
65
250
nA
-
IO(SINK)
Output Sink Current
6
18
-
mA
VI(-)>1V, VI(+)=0V, VO(P)<1.5V
-
0.1
-
nA
VI(+)=1V, VI(-)=0V, VO(P)=5V
IO(LEAK)
Output Leakage Current
-
-
1.0
µA
VI(+)=1V, VI(-)=0V, VO(P)=30V
tR
Large Signal Response Time
-
350
-
ns
VIN=TTL logic wing,
VREF=1.4V,VRL=5V, RL=5.1KΩ
tR
Response Time
-
1400
-
ns
VRL=5V, RL=5.1KΩ


Similar Part No. - LM393P8-XX-TR70

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM393P8 CYSTEKEC-LM393P8 Datasheet
226Kb / 6P
   Dual Differential Comparator
More results

Similar Description - LM393P8-XX-TR70

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com