Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AS8-XX-BL Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM358AS8-XX-BL
Description  Dual Low Offset Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358AS8-XX-BL Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM358AS8-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM358AS8-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dual Low Offset Operational Amplifier
Rev. A/DX 2007-06-04
LM358A LM358B
www.taitroncomponents.com
Page 4 of 10
Fig.1- Input Voltage Range
Power Supply Voltage (V)
Fig.2- Input Current vs. Temperature
Temperature (° C)
LM358A
LM358B
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
GV
Large Singnal Voltage Gain
85
100
-
80
-
-
dB
VCC=15V, RL2KΩ
VO=1V ~11V
CMRR
Common Mode Rejection Ratio
60
70
-
60
-
-
dB
DC, VCM=0V to VCC-1.5V
PSRR
Power Supply Rejection Ratio
70
100
-
60
-
-
dB
VCC=5V to 30V
CS
Channel Separation
-
-120
-
-
-120
-
dB
f=1KHZ ~ 20KHZ
ISOURCE
20
40
-
20
0
-
mA
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
10
15
-
5
-
-
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
ISINK
Output Current
12
50
-
12
50
-
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=0.2V
ISC
Output Short Circuit Current to
Ground
-
40
60
-
40
60
mA
VCC=15V
26
-
-
26
-
-
VCC=30V, RL=2KΩ
VO(H)
27
28
-
27
-
-
V
VCC=30V, RL=10KΩ
VO(L)
Output Voltage Swing
-
5
20
-
-
30
mV
VCC=5V, RL=10KΩ
Typical Characteristics Curves


Similar Part No. - LM358AS8-XX-BL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358AST STMICROELECTRONICS-LM358AST Datasheet
271Kb / 16P
   Low Power Dual Operational Amplifiers
LM358AST STMICROELECTRONICS-LM358AST Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM358AST STMICROELECTRONICS-LM358AST Datasheet
323Kb / 19P
   Low power dual operational amplifiers
LM358AST STMICROELECTRONICS-LM358AST Datasheet
1Mb / 25P
   Low-power dual operational amplifiers
November 2017
LM358AST STMICROELECTRONICS-LM358AST Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
More results

Similar Description - LM358AS8-XX-BL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com