Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB52W4B50V-12.800M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB52W4B50V-12.800M
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB52W4B50V-12.800M Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB52W4B50V-12.800M Datasheet HTML 1Page - Ecliptek Corporation EB52W4B50V-12.800M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB52W4 Series
• Temperature Compensated
Crystal Oscillator (TCXO)
• HCMOS Output
• 3.3V Supply Voltage
• SMD package
• Stability to 1.5ppm
• External voltage control option available
• Internal
Mechanical Trim (Top of Can)
ECLIPTEK CORP.
OSCILLATOR
EB52W4
Metal SMD
3.3V
OS1H
01/05
OSCILLATOR
EB52W4
H
4.5
L 18.3
W 11.7
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Load Drive Capability
Internal Trim (Top of Can)
Control Voltage (External)
Frequency Deviation
Input Current
Aging (at 25°C)
Frequency Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Typical Phase Noise
Modulation Bandwidth
Input Impedance
at V
C = 1.65VDC ±1.35VDC , VDD = 3.3VDC
< 27.000MHz
> 27.000MHz
vs. Operating Temperature Range
vs. Input Voltage (±5%)
vs. Load (±2pF)
over 20% to 80% of Waveform
at 50% of Waveform
Fo = 19.200MHz, at 25°C, at Nominal V
DC and VC
at 10Hz Offset
at 100Hz Offset
at 1kHz Offset
at 10kHz Offset
at 100kHz Offset
at -3dB with V
C = 1.65VDC
1.200MHz to 40.000MHz
See Table 1
-40°C to 85°C
3.3V
DC ±5%
15pF HCMOS Load Maximum
±3ppm Minimum
1.65V
DC ±1.35VDC , Positive Transfer Characteristic
±7ppm Minimum, ±20ppm Maximum
20mA Maximum
35mA Maximum
±1ppm / year Maximum
See Table 1
±0.3ppm Maximum
±0.2ppm Maximum
90% of V
DD Minimum
10% of V
DD Maximum
10 nSeconds Maximum
50 ±10(%)
-70dBc/Hz
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
10kHz Minimum
10kOhms Typical


Similar Part No. - EB52W4B50V-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB52E8 ECLIPTEK-EB52E8 Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000M ECLIPTEK-EB52E8C2N-13.000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000MTR ECLIPTEK-EB52E8C2N-13.000MTR Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000M ECLIPTEK-EB52E8C2N-13000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000MTR ECLIPTEK-EB52E8C2N-13000MTR Datasheet
102Kb / 2P
   OSCILLATOR
More results

Similar Description - EB52W4B50V-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com