Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7277 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7277
Description  8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7277 Datasheet(HTML) 2 Page - STMicroelectronics

  ST7277 Datasheet HTML 1Page - STMicroelectronics ST7277 Datasheet HTML 2Page - STMicroelectronics ST7277 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
ST7277
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST7277 is a HCMOS microcontroller unit
(MCU) from the ST7 family with dedicated periph-
erals for Monitor applications.
It is based around an industry standard 8-bit core
and offers an enhanced instruction set. The proc-
essor runs with an external clock at 24 MHz with
a 5V supply. Due to the fully static design of this
device, operation down to DC is possible. Under
software control the ST7277 can be placed in
WAIT or HALT mode thus reducing power con-
sumption. The enhanced instruction set and ad-
dressing modes afford real programming potential.
In addition to standard 8-bit data management the
ST7 features true bit manipulation, 8x8 unsigned
multiplication and indirect addressing modes.
The device includes an on-chip oscillator, CPU,
Sync Processor for video timing & Vfback analy-
sis, up to 60K ROM, up to 2K RAM, USB/DMA, I/
O, a timer with 2 input captures and 2 output com-
pares, an 8-channel Analog to Digital Converter,
DDC/DMA, I2C multi Master, SCI Serial Communi-
cations Interface, Watchdog Reset, an Infra Red
Control preprocessor, and one 12-bit and eight 10-
bit PWM/BRM outputs for analog DC control of ex-
ternal functions.
Figure 1. ST7277 Block Diagram
SYNC
PROCESSOR
POWER
SUPPLY
OSC /3 or 6
VDD
PO RT A
PORT C
DDC
TIMER
W ATCHDOG
PORT D
OCMP
PW M/BRM
PORT B
ADC
AIN 0-AIN7
DA0
60K Bytes
RAM
2K Bytes
USB
SIE
CONTROL
8-BIT CO RE
ALU
INTERNAL
CLOCK
VSS
OSCOUT
OSCIN
DA1,DA8
DDC DMA
PORT C
SCL D
SDAD
I C
INFRA RED
USB DMA
SCI
(UART)
VR01735Q
PA0-PA6 PA7/BLANKOUT
VDDA
VSS A
PC3/SDAD
PC2/RX/SCLD
PC0/O CMP/HFBACK
RESET
HSYNCI1
VSYN CI1
PB1..7/AIN1..7
VFBAC K/AIN0
PC1/HSYN CI2
PC4/SCLI
PC5/SDAI
PC6/RD I
PC7/TDO
IR IN
USBVCC
USBDP
USBDM
USBGND
POWER ON/OFF
TDO
ROM
Up to
Up to
PB 0/
PD0/CSYNCI
PD1/HSYNCO
PD2/VSYNCO
PD3/ITC
PD4/ITB
PD5/ITA
PD6/CLAMPOUT
PD7/VSYNCI2


Similar Part No. - ST7277

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72774 STMICROELECTRONICS-ST72774 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
ST72774J7B1 STMICROELECTRONICS-ST72774J7B1 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
ST72774J9B1 STMICROELECTRONICS-ST72774J9B1 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
ST72774S7T1 STMICROELECTRONICS-ST72774S7T1 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
ST72774S9T1 STMICROELECTRONICS-ST72774S9T1 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
More results

Similar Description - ST7277

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
ST72774 STMICROELECTRONICS-ST72774 Datasheet
1Mb / 144P
   8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
   8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May 1996
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com