Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358MS8-XX-BL Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LMV358MS8-XX-BL
Description  Dual Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LMV358MS8-XX-BL Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LMV358MS8-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LMV358MS8-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Dual Low Voltage Operational Amplifier
Rev. A/DX 2007-06-04
LMV358
www.taitroncomponents.com
Page 4 of 18
5V DC Electrical Characteristics
(V
=5V, V+=0V, VCM=2.0V, VOUT=V⎯/2 and RL>1MΩ, TJ=25ºC unless otherwise specified)
LMV358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VIO
Input Offset Voltage
7
1.7
9
mV
-
TCVos
Input Offset Current Average
Drift
-
5
-
µV/° C
-
IBIAS
Input Bias Current
250
15
500
nA
-
IIO
Input Offset Current
50
5
150
nA
-
CMRR
Common Mode Rejection Ratio
50
65
-
dB
0V≤
VCM≤4V
PSRR
Power Supply Rejection Ratio
50
60
-
dB
2.7V≤
V⎯≤5V,VOUT=1V,VCM=1V
0
-0.2
-
V
VCM
Input Common Mode Voltage
-
4.2
4
V
For CMRR≥50dB
Av
Large Signal Voltage Gain
10
100
15
V/mV
RL=2KΩ (Note5)
V+-400
V⎯-40
V⎯-300
300
120
400
RL=2KΩ to 2.5V
V+-200
V⎯-10
V⎯-10
VOUT
Output Voltage Swing
180
65
280
mV
RL=10KΩ to 1.35V
5
60
-
mA
Sourcing, VOUT=0V
IOUT
Output Short Circuit Current
10
160
-
mA
Sinking, VOUT=5V
ICC
Power Supply Current
440
210
615
µA
Both amplifiers
5V AC Electrical Characteristics
(V
=5V, V+=0V, VCM=2.0V, VOUT=V⎯/2 and RL>1MΩ, TJ=25ºC unless otherwise specified)
LMV358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
SR
Slew Rate
-
1
-
V/µs
GBWP Gain-Bandwidth Product
-
1
-
MHz
CL=200pF
Ф(T)
Phase Margin
-
60
-
Deg
-
Gain Margin
-
10
-
dB
-
θr1
Input-Referred Voltage Noise
-
39
-
nV/sq(Hz) f=1KHz
Ir1
Input-Referred Current Noise
-
0.21
-
nV/sq(Hz) f=1KHz
Note: 5. RL is connected to V. The output voltage is 0.5V≤VOUT≤4.5V


Similar Part No. - LMV358MS8-XX-BL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV358M NSC-LMV358M Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358M TI1-LMV358M Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358M TI1-LMV358M Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LMV358M NSC-LMV358M Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358M TI1-LMV358M Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV358MS8-XX-BL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7018 NJRC-NJU7018 Datasheet
116Kb / 4P
   LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com