Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB52W4C50-12.800M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EB52W4C50-12.800M
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB52W4C50-12.800M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EB52W4C50-12.800M Datasheet HTML 1Page - Ecliptek Corporation EB52W4C50-12.800M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBERING GUIDE
Specifications subject to change without notice.
##
1-800-ECLIPTEK
WWW.ECLIPTEK.COM
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB52W4
Metal SMD
3.3V
OS1H
01/05
EB52W4 E 25 V - 12.800M
OPERATING TEMP. RANGE
One Letter Code Per Table 1
FREQUENCY STABILITY
Two Digit Code Per Table 1
FREQUENCY
EXTERNAL TRIM
N=None (No Connection on Pin 1)
V=External Control Voltage
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Pin 1: Voltage Control or No Connection
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
REEL
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-202, Method 210
Resistance to Solvents
MIL-STD-202, Method 215
TAPE
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Line 1: ECLIPTEK
Line 3: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
A
B
C
D
E
F
G
32.0±0.3 30.2±0.15 14.2±0.15
4.0±0.1
2.0±0.1
16.0±0.1
12.5±0.1
H
J
K
L
M
N
Q
R
1.5 +0.1-0.0 22.2±0.1 0.40 ±0.05 5.0±0.1
15.3±0.1
4.7±0.1 1.5+0.1/-0 1.7+0.1/-0
S
T
U
V
W
1.5 MIN
50 MIN
20.2 MIN 13.0±0.2
40 MIN
X
Y
Z
a
QTY/REEL
2.5 MIN
10 MIN
360 MAX
32.4+2-0
1,000
Tolerances= +0.1


Similar Part No. - EB52W4C50-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB52E8 ECLIPTEK-EB52E8 Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000M ECLIPTEK-EB52E8C2N-13.000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000MTR ECLIPTEK-EB52E8C2N-13.000MTR Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000M ECLIPTEK-EB52E8C2N-13000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000MTR ECLIPTEK-EB52E8C2N-13000MTR Datasheet
102Kb / 2P
   OSCILLATOR
More results

Similar Description - EB52W4C50-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com