Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB13D1C2H-40.000MTR Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # EB13D1C2H-40.000MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB13D1C2H-40.000MTR Datasheet(HTML) 3 Page - Ecliptek Corporation

  EB13D1C2H-40.000MTR Datasheet HTML 1Page - Ecliptek Corporation EB13D1C2H-40.000MTR Datasheet HTML 2Page - Ecliptek Corporation EB13D1C2H-40.000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB13D1
CERAMIC
3.3V
OS2U
12/03
*Compliant to EIA 481A
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Tolerances = ±0.1
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Pin 1: Tri-State
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-202, Method 210
Resistance to Solvents
MIL-STD-202, Method 215
EB13D1 F 2 H - 40.000M TR
FREQUENCY TOLERANCE / STABILITY
C=±100ppm Maximum over 0°C to +70°C
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
F=±20ppm Maximum over 0°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
J=±25ppm Maximum over -40°C to +85°C
K=±20ppm Maximum over -40°C to +85°C
PACKAGING OPTIONS
Blank=Bulk, TR=Tape and Reel (Standard)
FREQUENCY
OUTPUT CONTROL FUNCTION
H=Tri-State
DUTY CYCLE
1=50 ±10(%)
2=50 ±5(%)
PART NUMBERING GUIDE
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN 13.0±0.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
18.4 MAX
180 MAX
12.4+2-0
1,000
REEL
A
B
C
D
E
F
12.0±0.2
5.5±0.1
6.5±0.1
4.0±0.1
2.0±0.1
F
G
H
J
K
L
8.0±0.1
B0* 1.5 +0.1-0.0
A0*
0.30 ±0.05
K0*
TAPE
Line 1: E XX.XXX
Frequency in MHz (5 Digits Maximum + Decimal)
Line 2: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
OBSOLETE


Similar Part No. - EB13D1C2H-40.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB13D7 ECLIPTEK-EB13D7 Datasheet
145Kb / 2P
   OSCILLATOR
EB13D7D2H-150.000M ECLIPTEK-EB13D7D2H-150.000M Datasheet
145Kb / 2P
   OSCILLATOR
EB13D7D2H-150.000MTR ECLIPTEK-EB13D7D2H-150.000MTR Datasheet
145Kb / 2P
   OSCILLATOR
EB13D7D2H-150000M ECLIPTEK-EB13D7D2H-150000M Datasheet
145Kb / 2P
   OSCILLATOR
EB13D7D2H-150000MTR ECLIPTEK-EB13D7D2H-150000MTR Datasheet
145Kb / 2P
   OSCILLATOR
More results

Similar Description - EB13D1C2H-40.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com