Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2510W Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # MB2510W
Description  25A Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB2510W Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  MB2510W Datasheet HTML 1Page - TAITRON Components Incorporated MB2510W Datasheet HTML 2Page - TAITRON Components Incorporated MB2510W Datasheet HTML 3Page - TAITRON Components Incorporated MB2510W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
25A Single-Phase Bridge Rectifier
Rev. A/DX 2007-06-09
MB2505W – MB2510W
www.taitroncomponents.com
Page 4 of 4
Dimensions in inch (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
KBPC-W (MB35W)


Similar Part No. - MB2510W

ManufacturerPart #DatasheetDescription
logo
Bytes
MB2510W BYTES-MB2510W Datasheet
150Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB2510W DCCOM-MB2510W Datasheet
426Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB2510W FORMOSA-MB2510W Datasheet
34Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB2510W UNIOHM-MB2510W Datasheet
65Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
MB2510W MIC-MB2510W Datasheet
98Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - MB2510W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com