Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB13C3E2H-40.000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB13C3E2H-40.000MTR
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB13C3E2H-40.000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB13C3E2H-40.000MTR Datasheet HTML 1Page - Ecliptek Corporation EB13C3E2H-40.000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB13C3
CERAMIC
3.3V
OS1I
03/03
EB13C3 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 3.3V supply voltage
• Low input current
• LVHCMOS output
• Stability to ±20ppm
• Standby Function
• Available in tube or tape and reel
OSCILLATOR
EB13C3
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
134
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Standby Current
Start Up Time
Period Jitter: One Sigma
6.144MHz to 44.736MHz
0°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±10%
2mA Maximum
3mA Maximum
5mA Maximum
12mA Maximum
±100ppm, ±50ppm, ±25ppm or
±20ppm Max.
90% of V
DD Min.
(-1.6mA)
(-8mA)
10% of V
DD Max.
(+1.6mA)
(+8mA)
6 nSeconds Maximum
4 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
25pSeconds Maximum
6.144MHz to 10.000MHz
10.001MHz to 25.000MHz
25.001MHz to 40.000MHz
40.001MHz to 44.736MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
<40.000MHz
>40.000MHz
<40.000MHz
>40.000MHz
<25.000MHz 20% to 80% of Waveform
>25.000MHz 20% to 80% of Waveform
at 50% of Waveform
at 50% of Waveform
No Connection
V
IH :
≥90% of V
DD
V
IL :
≤10% of V
DD
Disabled Output: High Impedance
H 1.6
L 7.0
W 5.0


Similar Part No. - EB13C3E2H-40.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB13C5 ECLIPTEK-EB13C5 Datasheet
155Kb / 2P
   OSCILLATOR
EB13C5C1H-40.000M ECLIPTEK-EB13C5C1H-40.000M Datasheet
155Kb / 2P
   OSCILLATOR
EB13C5C1H-40.000MTR ECLIPTEK-EB13C5C1H-40.000MTR Datasheet
155Kb / 2P
   OSCILLATOR
EB13C5C1H-40000M ECLIPTEK-EB13C5C1H-40000M Datasheet
155Kb / 2P
   OSCILLATOR
EB13C5C1H-40000MTR ECLIPTEK-EB13C5C1H-40000MTR Datasheet
155Kb / 2P
   OSCILLATOR
More results

Similar Description - EB13C3E2H-40.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com