Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C316405A60 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V53C316405A60
Description  3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C316405A60 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V53C316405A60 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 11Page - Mosel Vitelic, Corp V53C316405A60 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
V53C316405A Rev. 1.2 March 1998
MOSEL VITELIC
V53C316405A
Notes:
1)
All voltages are referenced to VSS.
2)
ICC1, ICC3, ICC4 and ICC5 depend on cycle rate.
3)
ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open.
4)
Address can be changed once or less while RAS = VIL. In case of ICC4 it can be changed once or less during a
EDO page mode cycle
5)
An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least one cycle has to be
a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter, a minimum
of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6)
AC measurements assume tT = 2 ns.
7)
VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured
between VIH and VIL.
8)
Measured with the specified current load and 100 pF at VOL = 0.8 V and VOH = 2.0 V. Access time is determined by
the latter of tRAC, tCAC, tCAA,tCPA, tOEA . tCAC is measured from tristate.
9)
Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point
only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC.
10)
Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point
only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tCAA.
11)
Either tRCH or tRRH must be satisfied for a read cycle.
12)
tOFF (max.), tOEZ (max.) define the time at which the output achieves the open-circuit conditions and are not referenced
to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs last.
13)
Either tDZC or tDZO must be satisfied.
14)
Either tCDD or tODD must be satisfied.
15)
tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as electrical
characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open-circuit
(high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.) and tAWD > tAWD (min.), the cycle
is a read-write cycle and I/O will contain data read from the selected cells. If neither of the above sets of conditions
is satisfied, the condition of I/O (at access time) is indeterminate.
16)
These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-
write cycles.


Similar Part No. - V53C316405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A50 MOSEL-V53C317405A50 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A60 MOSEL-V53C317405A60 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A50 MOSEL-V53C318165A50 Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C316405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
AMIC Technology
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com