Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C318165A Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V53C318165A
Description  3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C318165A Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V53C318165A Datasheet HTML 1Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 2Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 3Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 4Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 5Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 6Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 7Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 8Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
V53C318165A Rev. 1.0 January 1998
MOSEL VITELIC
V53C318165A
DC and Operating Characteristics (1-2)
TA = 0°C to 70°C, VCC = 3.3 V ± 0.3 V, VSS = 0 V, tT = 2ns, unless otherwise specified.
Symbol
Parameter
Access
Time
V53C318165A
Unit
Test Conditions
Notes
Min.
Typ.
Max.
ILI
Input Leakage Current
(any input pin)
–10
10
µA
VSS ≤ VIN ≤ VCC + 0.3V
1
ILO
Output Leakage Current
(for High-Z State)
–10
10
µA
VSS ≤ VOUT ≤ VCC + 0.3V
RAS, CAS at VIH
1
ICC1
VCC Supply Current,
Operating
50
200
mA
tRC = tRC (min.)
2, 3, 4
60
180
70
160
ICC2
VCC Supply Current,
TTL Standby
2
mA
RAS, CAS at VIH
other inputs
≥ V
SS
ICC3
VCC Supply Current,
RAS-Only Refresh
50
200
mA
tRC = tRC (min.)
2, 4
60
180
70
160
ICC4
VCC Supply Current,
EDO Page Mode
Operation
50
90
mA
Minimum Cycle
2, 3, 4
60
75
70
60
ICC5
VCC Supply Current,
CMOS Standby
1.0
mA
RAS
≥ V
CC – 0.2 V,
CAS
≥ V
CC – 0.2 V
1
ICC6
Average Self Refresh Current
CBR cycle with tRAS > tRASS min.,
(L-version only)
CAS held low, WE = VCC – 0.2V,
Address and DIN = VCC – 0.2V
or 0.2V
1.0
mA
ICC7
VCC Supply Current,
during CAS-before-RAS Refresh
50
200
mA
tRC = tRC (min)
2, 4
60
180
70
160
VIL
Input Low Voltage
–0.5
0.8
V
1
VIH
Input High Voltage
2
VCC+0.5
V
1
VOL
Output Low Voltage
0.4
V
IOL = 2 mA
1
VOH
Output High Voltage
2.4
V
IOH = –2 mA
1


Similar Part No. - V53C318165A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A50 MOSEL-V53C316405A50 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A60 MOSEL-V53C316405A60 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A50 MOSEL-V53C317405A50 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C318165A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com