Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB72F51C50BV2-20.000M-CL Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EB72F51C50BV2-20.000M-CL
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB72F51C50BV2-20.000M-CL Datasheet(HTML) 2 Page - Ecliptek Corporation

  EB72F51C50BV2-20.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EB72F51C50BV2-20.000M-CL Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECLIPTEK CORP.
OSCILLATOR
EB72F51
14 pin DIP
3.3V
OS2A
05/07
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
PART NUMBERING GUIDE
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Characteristic
Specification
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215
Pin 1: No Connect or Voltage Control
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply Voltage
EB72F51 C 10 B V 2 - 20.000M - CL125
INITIAL TOLERANCE
C= ±1.0ppm
D= ±500ppb
FREQUENCY STABILITY
2 Digit Code Per Table 1
OPERATING TEMPERATURE RANGE (OTR)
1 Letter Code Per Table 1
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length
G=Full Size Gull Wing
FREQUENCY
DUTY CYCLE
2=50% ±5%
VOLTAGE CONTROL OPTION
N=None (No Connect on Pin 1)
V=Voltage Control on Pin 1


Similar Part No. - EB72F51C50BV2-20.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB72F61 ECLIPTEK-EB72F61 Datasheet
105Kb / 2P
   OSCILLATOR
EB72F61C08AV2-20.000M ECLIPTEK-EB72F61C08AV2-20.000M Datasheet
105Kb / 2P
   OSCILLATOR
EB72F61C08AV2-20000M ECLIPTEK-EB72F61C08AV2-20000M Datasheet
105Kb / 2P
   OSCILLATOR
EB72F61C08BV2-20.000M ECLIPTEK-EB72F61C08BV2-20.000M Datasheet
105Kb / 2P
   OSCILLATOR
EB72F61C08BV2-20000M ECLIPTEK-EB72F61C08BV2-20000M Datasheet
105Kb / 2P
   OSCILLATOR
More results

Similar Description - EB72F51C50BV2-20.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com