Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB13E2G2H-40000M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB13E2G2H-40000M
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB13E2G2H-40000M Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB13E2G2H-40000M Datasheet HTML 1Page - Ecliptek Corporation EB13E2G2H-40000M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB13E2 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 3.3V Supply Voltage
• LVHCMOS output
• Stability to ±25ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EB13E2
CERAMIC
3.3V
OS5A
12/07
OSCILLATOR
EB13E2
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
H 0.9
L 3.2
W 2.5
ELECTRICAL SPECIFICATIONS
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
1.8432MHz to 20.000MHz
20.001MHz to 40.000MHz
40.001MHz to 60.000MHz
60.001MHz to 75.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of Waveform
at 50% of Waveform
No Connection
V
IH: >80% of VDD
V
IL: <20% of VDD
Disabled Output: High Impedance
F
J = 12kHz to 20MHz
-20°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±5%
7mA Maximum
13mA Maximum
19mA Maximum
24mA Maximum
±100ppm, ±50ppm, or ±25ppm
Maximum
90% of V
DD Minimum
(I
OH = -4mA)
10% of V
DD Maximum (IOL = +4mA)
5 nSeconds Maximum
50 ±5(%)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
1 pSeconds Maximum
1.8432MHz, 2.5MHz, 2.765MHz, 3MHz, 3.072MHz, 3.125MHz, 3.25MHz, 3.5795MHz, 3.6864MHz,
3.75MHz, 4MHz, 4.032MHz, 4.125MHz, 5MHz, 5.5MHz, 5.53MHz, 6MHz, 6.144MHz, 6.25MHz,
6.75MHz, 7.159MHz, 7.25MHz, 7.3728MHz, 8MHz, 8.064MHz, 8.25MHz, 8.2944MHz, 10MHz,
11.059MHz, 11.2896MHz, 12MHz, 12.288MHz, 12.8MHz , 13MHz, 13.5MHz, 14.3181MHz,
14.31818MHz, 14.746MHz, 15MHz, 16MHz, 16.9344MHz, 20MHz, 22MHz, 22.1184MHz, 24MHz,
24.576MHz, 25MHz, 26MHz, 27MHz, 28.375MHz, 28.636MHz, 29.4912MHz, 30MHz, 32MHz, 33MHz,
33.333MHz, 40MHz, 41.010MHz, 44MHz, 48MHz, 50MHz, 54MHz, 64MHz, 66MHz, 66.6666MHz,
72MHz, and 75MHz


Similar Part No. - EB13E2G2H-40000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB13C3 ECLIPTEK-EB13C3 Datasheet
141Kb / 2P
   OSCILLATOR
EB13C3C1H-40.000M ECLIPTEK-EB13C3C1H-40.000M Datasheet
141Kb / 2P
   OSCILLATOR
EB13C3C1H-40.000MTR ECLIPTEK-EB13C3C1H-40.000MTR Datasheet
141Kb / 2P
   OSCILLATOR
EB13C3C1H-40000M ECLIPTEK-EB13C3C1H-40000M Datasheet
141Kb / 2P
   OSCILLATOR
EB13C3C1H-40000MTR ECLIPTEK-EB13C3C1H-40000MTR Datasheet
141Kb / 2P
   OSCILLATOR
More results

Similar Description - EB13E2G2H-40000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com