Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431AN-XX-AR Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # LM431AN-XX-AR
Description  Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431AN-XX-AR Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LM431AN-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LM431AN-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431
www.taitroncomponents.com
Page 3 of 14
Block Diagram
Symbols
Absolute Maximum Ratings (Ta=25° C)
(Full operating ambient temperature range applies unless otherwise noted.)
Symbol
Description
LM431
LM431A
LM431B
Unit
VKA
Cathode Voltage
36
V
IKA
Cathode Current Range (Continuous)
-100 ~ 150
mA
IREF
Reference Input Current Range
(Continuous)
-0.05 ~ 10
mA
TJ
Operating Junction Temperature
150
° C
TOPR
Operating Temperature Range
-40 ~ 85
-40 ~ 125
° C
TSTG
Storage Temperature Range
-65 ~ 150
° C
Z:TO-92
700
770
N:SOT-23
-
370
N5:SOT-23-5
-
370
K: SOT-89
800
770
PD
Power Dissipation
S8: SOP-8
-
770
mW
Z:TO-92
180
150
N:SOT-23
-
330
N5:SOT-23-5
-
250
K: SOT-89
160
50
RthJA
Package Thermal
Impedance
S8: SOP-8
-
150
° C/W


Similar Part No. - LM431AN-XX-AR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431A HTC-LM431A Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
ON Semiconductor
LM431A ONSEMI-LM431A Datasheet
356Kb / 13P
   Programmable Shunt Regulator
June 2013 Rev. 1.2.0
logo
NXP Semiconductors
LM431AC PHILIPS-LM431AC Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
More results

Similar Description - LM431AN-XX-AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com