Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431N5-XX-AR Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM431N5-XX-AR
Description  Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431N5-XX-AR Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM431N5-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LM431N5-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431
www.taitroncomponents.com
Page 4 of 14
Electrical Characteristics (T
A=25ºC, unless otherwise specified)
LM431
LM431A
LM431B
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Test
Circuit
Conditions
VREF
Reference Input
Voltage
2.440
2.495
2.550
2.480
2.500
2.520
2.490
2.500
2.510
V
Fig.1
VKA=VREF,IKA=10mA
0-70° C
-
-
-
-
4.8
8
-
4.5
8
∆VREF
Reference
Input
Voltage
Deviation
-40-85
°C
-
7.0
30
-
4.5
10
-
4.5
10
mV
Fig.1
(Note1)
VKA=VREF,IKA=10mA
-
-1.4
-2.7
-
-1.0
-2.7
-
-1.0
-2.7
∆VKA=10V~
VREF
∆VREF/∆VKA
Ratio of Change in
Reference Input
Voltage to Change in
Cathode to Anode
Voltage
-
-1.0
-2.0
-
-0.5
-2.0
-
-0.5
-2.0
mV/V
Fig.2
IKA=
10mA
∆VKA=36V~
10V
Ta=25°
C
-
1.8
4.0
-
0.7
4.0
-
0.7
4.0
IREF
Referenc
e Input
Current
Ta=Topr
-
-
6.5
-
-
-
-
-
-
µA
Fig.2
IKA=10mA, R1=10KΩ,
R2=∞
∆IREF
Reference Input
Current Deviation
-
0.8
2.5
-
0.4
1.2
-
0.4
1.2
µA
Fig.2
IKA=10mA, R1=10KΩ,
R2=∞,
-40 ~ 85° C
IMIN
Min. Cathode Current
For Regulation
-
0.5
1.0
-
0.4
1.0
-
0.4
1.0
mA
Fig.1
VKA=VREF
IOFF
Off-State Cathode
Current
-
2.6
1000
-
50
1000
-
50
1000
nA
Fig.3
VKA=36V, VREF=0V
ZKA
Dynamic Impedance
-
0.22
-
-
0.15
0.5
-
0.15
0.5
Fig.1
(Note2)
VKA=VREF,
IKA=1.0~100mA,
f≤1.0KHz
Fig.1- Test Circuit for VKA=VREF
Fig.2- Test Circuit for VKA>VREF


Similar Part No. - LM431N5-XX-AR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431 NSC-LM431 Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
[Old version datasheet]   The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
More results

Similar Description - LM431N5-XX-AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com