Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFPU1S Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # MFPU1S
Description  Surface Mount Super Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MFPU1S Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  MFPU1S Datasheet HTML 1Page - TAITRON Components Incorporated MFPU1S Datasheet HTML 2Page - TAITRON Components Incorporated MFPU1S Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. B/WW
www.taitroncomponents.com
Page 3 of 3
MFPU1S – MFPU6S
Surface Mount Super Fast Recovery Rectifier
Dimensions in inches (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - MFPU1S

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFPU01H MINMAX-MFPU01H Datasheet
746Kb / 3P
   DC/DC CONVERTER 1W
More results

Similar Description - MFPU1S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
   Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Electronics ...
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MSR2DAFC PANJIT-MSR2DAFC Datasheet
350Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
March 30,2021 MSR2DAFC-REV.00
MSR2DAL PANJIT-MSR2DAL Datasheet
329Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
January 6,2021 MSR2DAL-REV.00
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
   Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com