Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR852 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MR852
Description  3.0A Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MR852 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MR852 Datasheet HTML 1Page - TAITRON Components Incorporated MR852 Datasheet HTML 2Page - TAITRON Components Incorporated MR852 Datasheet HTML 3Page - TAITRON Components Incorporated MR852 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
MF850 – MR858
3.0A Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
3.0A Fast Recovery Rectifier
Features
• Fast switching for high efficiency
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD, molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
1.1 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
MR850
MR851
MR852
MR854
MR856
MR858
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
Ta=90 ˚C
IFSM
Peak Forward Surge
Current
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
DO-201AD


Similar Part No. - MR852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR852 MOTOROLA-MR852 Datasheet
45Kb / 2P
   FAST RECOVERY POWER RECTIFIERS 50.600 VOLTS 3.0 AMPERES
logo
Frontier Electronics.
MR852 FRONTIER-MR852 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
MR852 PANJIT-MR852 Datasheet
53Kb / 2P
   SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Taychipst Elec...
MR852 TAYCHIPST-MR852 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Transys Electronics
MR852 TRSYS-MR852 Datasheet
134Kb / 2P
   SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - MR852

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com