Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR160 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # MUR160
Description  1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MUR160 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  MUR160 Datasheet HTML 1Page - TAITRON Components Incorporated MUR160 Datasheet HTML 2Page - TAITRON Components Incorporated MUR160 Datasheet HTML 3Page - TAITRON Components Incorporated MUR160 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
Rev. A/AH 2008-02-20
MUR130 – MUR160
www.taitroncomponents.com
Page 4 of 4
Dimensions in inches (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
DO-15


Similar Part No. - MUR160

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MUR160 DIOTEC-MUR160 Datasheet
102Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes
logo
Motorola, Inc
MUR160 MOTOROLA-MUR160 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
DONGGUAN YOU FENG WEI E...
MUR160 YFWDIODE-MUR160 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MUR160 BILIN-MUR160 Datasheet
57Kb / 3P
   SUPER FAST RECTIFIER
logo
Frontier Electronics.
MUR160 FRONTIER-MUR160 Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
More results

Similar Description - MUR160

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10Q TAITRON-RGP10Q Datasheet
131Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10A TAITRON-RGP10A Datasheet
132Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
TCDU1DW TAITRON-TCDU1DW Datasheet
229Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Low Profile Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com