Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5235B-F Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # MMSZ5235B-F
Description  500mW Two Terminals SMD Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ5235B-F Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  MMSZ5235B-F Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ5235B-F Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ5235B-F Datasheet HTML 3Page - TAITRON Components Incorporated MMSZ5235B-F Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A/AH 2007-12-14
500mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 4 of 4
MMSZ5225B-F – MMSZ5267B-F
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - MMSZ5235B-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5235B-7-F DIODES-MMSZ5235B-7-F Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Pan Jit International I...
MMSZ5235B-AU PANJIT-MMSZ5235B-AU Datasheet
263Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Won-Top Electronics
MMSZ5235B-T1 WTE-MMSZ5235B-T1 Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5235B-TP MCC-MMSZ5235B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMSZ5235B-F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com