Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE9.1A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # P6KE9.1A
Description  600W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P6KE9.1A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  P6KE9.1A Datasheet HTML 1Page - TAITRON Components Incorporated P6KE9.1A Datasheet HTML 2Page - TAITRON Components Incorporated P6KE9.1A Datasheet HTML 3Page - TAITRON Components Incorporated P6KE9.1A Datasheet HTML 4Page - TAITRON Components Incorporated P6KE9.1A Datasheet HTML 5Page - TAITRON Components Incorporated P6KE9.1A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
600W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
P6KE 6.8A~440CA
www.taitroncomponents.com
Page 3 of 6
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current (note1)
P/N (note3)
Stand-
Off
Voltage
V BR
Max.
Reverse
Leakage
Current
@
V WM
Max.
Clamping
Voltage
@
I PPM
Max.
Peak
Pulse
Current
Uni-Polar
Bi-Polar
V WM
(V)
Min.
Max.
IT
(mA)
ID (
μA)
(note2)
VC (V)
IPPM
(A)
(note1)
Max.
Temperature
coefficient of
V BR
(%/° C)
P6KE56A
P6KE56CA
47.8
53.2
58.8
1.0
1.0
77.0
7.8
0.103
P6KE62A
P6KE62CA
53.0
58.9
65.1
1.0
1.0
85.0
7.1
0.104
P6KE68A
P6KE68CA
58.1
64.6
71.4
1.0
1.0
92.0
6.5
0.104
P6KE75A
P6KE75CA
64.1
71.3
78.8
1.0
1.0
103
5.8
0.105
P6KE82A
P6KE82CA
70.1
77.9
86.1
1.0
1.0
113
5.3
0.105
P6KE91A
P6KE91CA
77.8
86.5
95.5
1.0
1.0
125
4.8
0.106
P6KE100A
P6KE100CA
85.5
95.0
105.0
1.0
1.0
137
4.4
0.106
P6KE110A
P6KE110CA
94.0
105.0
116.0
1.0
1.0
152
4.0
0.107
P6KE120A
P6KE120CA
102.0
114.0
126.0
1.0
1.0
165
3.6
0.107
P6KE130A
P6KE130CA
111.0
124.0
137.0
1.0
1.0
179
3.3
0.107
P6KE150A
P6KE150CA
128.0
143.0
158.0
1.0
1.0
207
2.9
0.108
P6KE160A
P6KE160CA
136.0
152.0
168.0
1.0
1.0
219
2.7
0.108
P6KE170A
P6KE170CA
145.0
162.0
179.0
1.0
1.0
234
2.6
0.108
P6KE180A
P6KE180CA
154.0
171.0
189.0
1.0
1.0
246
2.4
0.108
P6KE200A
P6KE200CA
171.0
190.0
210.0
1.0
1.0
274
2.2
0.108
P6KE220A
P6KE220CA
185.0
209.0
231.0
1.0
1.0
328
1.83
0.108
P6KE250A
P6KE250CA
214.0
237.0
263.0
1.0
1.0
344
1.75
0.110
P6KE300A
P6KE300CA
256.0
285.0
315.0
1.0
1.0
414
1.45
0.110
P6KE350A
P6KE350CA
300.0
332.0
368.0
1.0
1.0
482
1.25
0.110
P6KE400A
P6KE400CA
342.0
380.0
420.0
1.0
1.0
548
1.1
0.110
P6KE440A
P6KE440CA
376.0
418.0
462.0
1.0
1.0
602
1.0
0.110
Note:
1. Surge current waveform per Fig. 3 and derated per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.


Similar Part No. - P6KE9.1A

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
P6KE9.1A SYNSEMI-P6KE9.1A Datasheet
401Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
P6KE9.1A YANGJIE-P6KE9.1A Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Motorola, Inc
P6KE9.1A MOTOROLA-P6KE9.1A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Cystech Electonics Corp...
P6KE9.1A CYSTEKEC-P6KE9.1A Datasheet
495Kb / 6P
   Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
P6KE9.1A TSC-P6KE9.1A Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
More results

Similar Description - P6KE9.1A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com