Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB153G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RB153G
Description  1.5A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RB153G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RB153G Datasheet HTML 1Page - TAITRON Components Incorporated RB153G Datasheet HTML 2Page - TAITRON Components Incorporated RB153G Datasheet HTML 3Page - TAITRON Components Incorporated RB153G Datasheet HTML 4Page - TAITRON Components Incorporated RB153G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/AH 2008-05-23
www.taitroncomponents.com
Page 2 of 5
1.5A Glass Passivated Bridge Rectifier
RB151G – RB157G
Fig.1- Derating Curve Output
Rectified Current
Ambient Temperature (°C)
Symbols
Parameter
RB
151G
RB
152G
RB
153G
RB
154G
RB
155G
RB
156G
RB
157G
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=1.0A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC Blocking
Voltage per leg
500
µA
TA=125°C
CJ
Typical Junction Capacitance
per leg
14
pF
VR=4V, f=1MHz
RθJA
36
RθJL
Typical Thermal Resistance
per leg
11
˚C/W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature Range
-55 to +150
˚C
Note: 1. Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead
length P.C.B. mounting.
P.C.B. size 0.22 x 0.22” (5.5 x 5.5mm).
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz


Similar Part No. - RB153G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RB153G JGD-RB153G Datasheet
131Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RB153G BILIN-RB153G Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Formosa MS
RB153G FORMOSA-RB153G Datasheet
68Kb / 6P
   Bridge Rectifier
More results

Similar Description - RB153G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP005M WTE-KBP005M Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
logo
TAITRON Components Inco...
W005G TAITRON-W005G Datasheet
204Kb / 5P
   1.5A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
DF150 WTE-DF150 Datasheet
45Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP150G WTE-KBP150G Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_2 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
KBP005G DIODES-KBP005G_1 Datasheet
74Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com