Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805J103-XX-TR70 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # RC0805J103-XX-TR70
Description  Thick Film Chip Resistor General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RC0805J103-XX-TR70 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  RC0805J103-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated RC0805J103-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 4 of 7
Thick Film Chip Resistor – General Purpose
RC0805
Test and Requirements
Requirement
Test Item
Test Method
Test Condition
±1%
±5%
Jumper
Temperature
Coefficient of
Resistance(T.C.R.)
JIS C 5201 4.8
IEC 60115-1 4.8
-55°C~+155,20°C is
the reference
temperature
Within the specification
Short Time
Overload
JIS C 5201 4.13
IEC 60115-1 4.13
2.5 times RCWV or max.
overload voltage for 5
seconds
±(1.0%+0.05Ω)
±(2.0%+0.05Ω)
<50mΩ
Insulation
Resistance
JIS C 5201 4.6
IEC 60115-1 4.6
Max. overload voltage
for 1 minute
≥10G
Voltage Proof
JIS C 5201 4.7
IEC 60115-1 4.7
1.42 times RCWV
(RMS) for 1 minute
no breakdown or flashover
Substrate Bending
Test
JIS C 5201 4.33
IEC 60115-1 4.33
Bending once with 5
seconds for 3 mm
±(1.0%+0.05Ω)
±(1.0%+0.05Ω)
<50mΩ
Resistance to
soldering heat
JIS C 5201 4.18
IEC 60115 4.18
260±5°C for 10 seconds
±(0.5%+0.05Ω)
±(1.0%+0.05Ω)
<50mΩ
Leaching
JIS C 5201 4.18
IEC 60115 4.18
260±5°C for 60 seconds
no leaching
Solderability
JIS C 5201 4.17
IEC 60115-1 4.17
245±5°C for 3 seconds.
>95% coverage
Endurance at upper
category
temperature
JIS C 5201 4.23
IEC 60115-1 2.23.2
at +155°C for 1000 hrs
±(1.0%+0.05Ω)
±(1.5%+0.10Ω)
<50mΩ
Rapid change of
temperature
JIS C 5201 4.19
IEC 60115-1 4.19
-55°C to +155°C, 5
cycles
±(0.5%+0.05Ω)
±(1.0%+0.05Ω)
<50mΩ
Damp heat with
load
JIS 5201 4.24
40±2°C, 90~95% R.H.
or max. working voltage
for 1000 hrs
with 1.5hrs “ON” and 0.5
hrs “OFF”
±(2.0%+0.10Ω)
±(3.0%+0.10Ω)
<100mΩ
Endurance
JIS C 5201 4.25
IEC 60115-1 4.25.1
70±2°C, RCWV or Max.
working voltage for 1000
hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
±(2.0%+0.10Ω)
±(3.0%+0.10Ω)
<100mΩ
Note: RCWV:Rated Continuous Working Voltage.
RCWV=
Rated power (W) × Resistance value (R)


Similar Part No. - RC0805J103-XX-TR70

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805JK-071ML YAGEO-RC0805JK-071ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0805JK-071MP YAGEO-RC0805JK-071MP Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0805JK-0797R6L YAGEO-RC0805JK-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0805JK-0797R6P YAGEO-RC0805JK-0797R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0805JK-079K76L YAGEO-RC0805JK-079K76L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805J103-XX-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
TAITRON Components Inco...
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
   Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
RC2010 TAITRON-RC2010 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
IRCIS00665-1 IRCTT-IRCIS00665-1 Datasheet
227Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012J000CS SAMSUNG-RC2012J000CS Datasheet
535Kb / 19P
   Thick Film Chip Resistor ( General )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com