Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-PQ53BR Datasheet(PDF) 3 Page - Fox Electronics

Part # FVXO-PQ53BR
Description  LVPECL 5 x 3.2mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PQ53BR Datasheet(HTML) 3 Page - Fox Electronics

  FVXO-PQ53BR Datasheet HTML 1Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 2Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 3Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 4Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 5Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 6Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 7Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 8Page - Fox Electronics FVXO-PQ53BR Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FVXO-PC53 Series
Page 3 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency Range
FO
0.750 MHz to 1.35 GHz
Absolute Pull Range
Note 1
APR
± 50 ppm MIN
Temperature Range
TO
TSTG
Standard operating
Optional operating
Storage
-20°C to +70°C
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
3.3 V ± 5%
Input Current (@ Standard Load)
IDD
Standard Load
120 mA
Output Load
Standard
50 Ohms into VDD-2VDC. TYP.
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
Moisture Sensitivity Level
MSL
JEDEC J-STD-20
1
Termination Finish
Au
Note 1 – Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Frequency Control (VC) Input -- pin # 1
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Control Voltage Tuning Slope
1
0V to VDD
40 ~ 75 ppm/V Typ
2
Control Voltage Linearity
2
LVC
± 10%
Control Voltage Tuning Range
VC
0V ~ 3.3V
Modulation Bandwidth
BW
10 kHz
Nominal Control Voltage
VCNOM
1.65V
NOTES:
1
Actual slope is affected by frequency and accuracy settings.
2
For an example of linearity, see the graph below. (The middle line represents the default Fox factory setting)
FVXO Oscillator Pull
@ 25°C -- (range of typical responses)
-150.0
-100.0
-50.0
0.0
50.0
100.0
150.0
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
3.30
Vc = Voltage Applied to Pin # 1
Range of possible Tuning Slopes – depending on frequency and stability


Similar Part No. - FVXO-PQ53BR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-PC52B FOX-FVXO-PC52B Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-PC52BR FOX-FVXO-PC52BR Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-PC72B-900.25 FOX-FVXO-PC72B-900.25 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO-PQ53BR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com