Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-LC73B Datasheet(PDF) 2 Page - Fox Electronics

Part # FVXO-LC73B
Description  LVDS 7 x 5mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-LC73B Datasheet(HTML) 2 Page - Fox Electronics

  FVXO-LC73B Datasheet HTML 1Page - Fox Electronics FVXO-LC73B Datasheet HTML 2Page - Fox Electronics FVXO-LC73B Datasheet HTML 3Page - Fox Electronics FVXO-LC73B Datasheet HTML 4Page - Fox Electronics FVXO-LC73B Datasheet HTML 5Page - Fox Electronics FVXO-LC73B Datasheet HTML 6Page - Fox Electronics FVXO-LC73B Datasheet HTML 7Page - Fox Electronics FVXO-LC73B Datasheet HTML 8Page - Fox Electronics FVXO-LC73B Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FVXO-LC73 Series
Page 2 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
This example, FVXO-LC73BR-1244.16 = Voltage Controlled, LVDS Output, Ceramic, 7 x 5mm Package, 3.3V,
±50 PPM Absolute Pull Range, -40 to +85°C Temperature Range, at 1244.16 MHz
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
1 kV
Model Selection Guide & Fox Part Number
7 9 4 – 1244.16 – 1
The 2
nd Field
The Customer’s Frequency
The 3
rd Field
Fox Internally Generated Number
(If any specification changes,
the last digits change)
(The same specs for a different customer
also changes the last digits)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number (The assigned Fox Part Number must be on the BOM – not the above Model Description)
(This will ensure receipt of the proper part)
STEP #1: Customer selects the Model Description and provides to Fox Customer Service
Model Description
H = HCMOS
L = LVDS
P = LVPECL
X = HCMOS (comp 2nd Output)
B = ± 50-ppm Absolute Pull Range
5 = 5 x 3.2mm
7 = 7 x 5mm
C = Ceramic
Q = Quartz
blank = -20°C to +70°C
R = -40°C to +85°C
3 = 3.3 V
2 = 2.5 V
F V X O – L C 7 3 B R – 1 2 4 4 . 1 6 Frequency (in MHz)
Resolutions to 6 places
past the decimal point
The 1
st Field
Product Code #
793 = FVXO–HC5
792 = FVXO–HC7
797 = FVXO–LC5
794 = FVXO–LC7
795 = FVXO–PC5
796 = FVXO–PC7


Similar Part No. - FVXO-LC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72B FOX-FVXO-LC72B Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72BR FOX-FVXO-LC72BR Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO-LC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-LC735RGB-312 FOX-FXO-LC735RGB-312 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com