Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA05103K-XX-TR30 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # RA05103K-XX-TR30
Description  Thick Film Low Profile Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RA05103K-XX-TR30 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  RA05103K-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated RA05103K-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated RA05103K-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated RA05103K-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. C/JJ 2007-09-12
www.taitroncomponents.com
Page 3 of 4
Thick Film Low Profile Resistor Network
RA &RB Series
Environmental Performance Specification
Packaging (in pcs)
Package
4-6 pins
7-10 pins
11-12 pins
13-14 pins
Bag
200
200
200
200
Inner box
2000
1000
800
600
Carton
60000
30000
24000
18000
Item
Test Methods
Specifications
Resistance temperature
characteristic
-55°C ~+125°C
±100ppm°C for 50Ω~2.2M
±250ppm/°C for <50Ω≥2.2M
Temperature Cycling
-55°C ~+125°C , for 5 cycle
∆R ≤±(0.5% +0.05Ω)
Short-Time Overload
Rated Voltage X 2.5 for 5 sec
∆R ≤±(0.5% +0.05Ω)
Resistance to Soldering
Heat
350°C for 3 sec
∆R ≤±(0.5% +0.05Ω)
Insulation Resistance
100V for 1 minute
∆10000Megohm minute
Terminal Strength
Tensile: 1Kg, 30 sec
Bending: 500g, 2 times
∆R ≤±(0.25% +0.05Ω)
Thermal Shock
Load V, Room temp. 30 minute
Unload, -55°C , 15 minute
Over 2 hrs in Room Temp. before
measuring
∆R ≤±(0.5% +0.05Ω)
Solderbility
230°C ±5°C , 3 sec
Covering 95%
Moisture Load Life
40°C , 90-95% RH rated Voltage for 1000
hours
∆R ≤±(2% +0.05Ω)
Load Life
70°C at Rated Voltage for 1000 hours
∆R ≤±(2% +0.05Ω)


Similar Part No. - RA05103K-XX-TR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA0512J ETC1-RA0512J Datasheet
449Kb / 7P
   Full Frame CCD Imager
RA0512JAQ-011 ETC1-RA0512JAQ-011 Datasheet
449Kb / 7P
   Full Frame CCD Imager
RA0512JAQ-020 ETC1-RA0512JAQ-020 Datasheet
449Kb / 7P
   Full Frame CCD Imager
RA0512JAQ-021 ETC1-RA0512JAQ-021 Datasheet
449Kb / 7P
   Full Frame CCD Imager
RA0512JAU-011 ETC1-RA0512JAU-011 Datasheet
449Kb / 7P
   Full Frame CCD Imager
More results

Similar Description - RA05103K-XX-TR30

ManufacturerPart #DatasheetDescription
logo
Dubilier
RN16 DUBILIER-RN16 Datasheet
184Kb / 1P
   THICK FILM RESISTOR NETWORK
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
BB1110RC BITECH-BB1110RC Datasheet
511Kb / 2P
   Resistor capacitor network Thick film resistors Ceramic chip capacitors
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
logo
Bi technologies
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com