Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB05103K-XX-TR30 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RB05103K-XX-TR30
Description  Thick Film Low Profile Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RB05103K-XX-TR30 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RB05103K-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated RB05103K-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated RB05103K-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated RB05103K-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. C/JJ 2007-09-12
www.taitroncomponents.com
Page 2 of 4
Thick Film Low Profile Resistor Network
RA &RB Series
Power Derating Curve
For resistors operate in the ambient temperature over 70˚C, loading power ratio will derate in accordance
with following curve.
Dimensions (in mm)
No. of Elements
No. of
Pins
Type RA
Type RB
L(max)
H(max)
T(max)
C
+0.3
-0.2
d
±0.05
r
±0.2
f
±0.05
4
3
2
10.2
5
4
--
12.7
6
5
3
15.3
7
6
--
17.8
8
7
4
20.4
9
8
--
22.9
10
9
5
25.4
11
10
--
28
12
11
6
30.5
13
12
--
33.1
14
13
7
35.6
5.08
2.5
2.8
0.5
2.54
0.25
Ambient Temprature(°C)


Similar Part No. - RB05103K-XX-TR30

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
RB0512XLD MICRODC-RB0512XLD Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
RB0512XLS MICRODC-RB0512XLS Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
RB0512XS MICRODC-RB0512XS Datasheet
401Kb / 2P
   0.5 Watt SIP4 Single Output DC/DC-Converter
RB0515XLD MICRODC-RB0515XLD Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
RB0515XLS MICRODC-RB0515XLS Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
More results

Similar Description - RB05103K-XX-TR30

ManufacturerPart #DatasheetDescription
logo
Dubilier
RN16 DUBILIER-RN16 Datasheet
184Kb / 1P
   THICK FILM RESISTOR NETWORK
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
BB1110RC BITECH-BB1110RC Datasheet
511Kb / 2P
   Resistor capacitor network Thick film resistors Ceramic chip capacitors
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
logo
Bi technologies
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com