Electronic Components Datasheet Search |
|
RC1206J103-XX-BL Datasheet(PDF) 1 Page - TAITRON Components Incorporated |
|
RC1206J103-XX-BL Datasheet(HTML) 1 Page - TAITRON Components Incorporated |
1 / 7 page Rev. C/JJ 2007-08-10 RC1206 THICK FILM CHIP RESISTOR GENERAL PURPOSE TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Page 1 of 7 Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 Thick Film Chip Resistor – General Purpose Features • Small and light weight • Excellent heat resistance and moisture resistance • Suitable size and packaging for surface mount assembly • RoHS Compliant Applications • For general purpose applications • For laptop and notebook computer, memory module, digital camera and telecommunication equipment Absolute Maximum Ratings & Characteristics Product Number mm Tolerance Power Rating @70˚C MAX Working Voltage MAX Overload Voltage TCR ppm/℃ Resistance Range Rated Working Temperature ±200 1Ω ~ 9.76Ω ±100 10Ω ~ 1MΩ RC1206 3216 J: ±5% F: ±1% 1/4W 200V 400V ±200 1.02MΩ ~ 10MΩ -55℃~+155℃ *Jumper Product Number Jumper Rated Current Resistance Rated Working Temperature RC1206 2A 50mΩ (max.) -55℃~+155℃ |
Similar Part No. - RC1206J103-XX-BL |
|
Similar Description - RC1206J103-XX-BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |