Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5261B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MMSZ5261B
Description  500mW Two Terminals SMD Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ5261B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MMSZ5261B Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ5261B Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ5261B Datasheet HTML 3Page - TAITRON Components Incorporated MMSZ5261B Datasheet HTML 4Page - TAITRON Components Incorporated MMSZ5261B Datasheet HTML 5Page - TAITRON Components Incorporated MMSZ5261B Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2007-12-14
MMSZ5225B – MMSZ5267B
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 6
500mW Two Terminals
SMD Zener Diodes
500mW Two Terminals SMD Zener Diodes
Features
• Silicon Planar Zener Construction
• 500mW Power Dissipation
• Zener Voltage 3.0v to 75v
• Standard Zener Voltage Tolerance is ±5% with a “B” suffix
• Ideal Suited for Automated Assembly Processes
• RoHS Compliance
Mechanical Data
Case:
SOD-123, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode
Approx. Weight:
0.01 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
Ptot
Power Dissipation
500
mW
TA=25 °C (Note 1)
RthJA
Thermal Resistance Junction to Ambient Air
340
°C/W
(Note 2)
TJ
Max. Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
Note: 1. Mounted on 5.0mm²(.013mm thick) land areas.
2. On FR-4 or FR-5 board with minimum recommended solder pad layout.
SOD-123


Similar Part No. - MMSZ5261B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5261B DIOTEC-MMSZ5261B Datasheet
54Kb / 2P
   Surface mount Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5261B TSC-MMSZ5261B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
logo
Diotec Semiconductor
MMSZ5261B DIOTEC-MMSZ5261B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Weitron Technology
MMSZ5261B WEITRON-MMSZ5261B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MMSZ5261B YEASHIN-MMSZ5261B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results

Similar Description - MMSZ5261B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com