Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-HC52BR Datasheet(PDF) 5 Page - Fox Electronics

Part # FVXO-HC52BR
Description  HCMOS 5 x 3.2mm 2.5V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-HC52BR Datasheet(HTML) 5 Page - Fox Electronics

  FVXO-HC52BR Datasheet HTML 1Page - Fox Electronics FVXO-HC52BR Datasheet HTML 2Page - Fox Electronics FVXO-HC52BR Datasheet HTML 3Page - Fox Electronics FVXO-HC52BR Datasheet HTML 4Page - Fox Electronics FVXO-HC52BR Datasheet HTML 5Page - Fox Electronics FVXO-HC52BR Datasheet HTML 6Page - Fox Electronics FVXO-HC52BR Datasheet HTML 7Page - Fox Electronics FVXO-HC52BR Datasheet HTML 8Page - Fox Electronics FVXO-HC52BR Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FVXO-HC52 Series
Page 5 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 2.5V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 2.5V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
2.1
3.1
pS RMS
106.25 MHz
1.2
3.5
pS RMS
125 MHz
1.1
2.7
pS RMS
156.25 MHz
0.8
3.7
pS RMS
Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.3
8.4
27.6 pS
106.25 MHz
1.4
8.3
27.7 pS
125 MHz
1.3
6.7
25.6 pS
156.25 MHz
1.4
9.7
29.5 pS
Phase Noise
10
-160dBc
-140dBc
-150dBc
-130dBc
-120dBc
-110dBc
-90dBc
-80dBc
-100dBc
-50dBc
-70dBc
-60dBc
-20dBc
-30dBc
-40dBc
0 dBc
-10dBc
Data Collected using HP 3048A
1M
100k
10k
100
1k
Offset Frequency
(10Hz to 40MHz)
40M
10M
62.5 MHz
156.25MHz
(dBc / Hz) vs. offset frequency
2.5V Phase Noise Graphs
Four Frequencies from Jitter Tables
106.25 MHz
125MHz
62.5 MHz
156.25MHz
125MHz
62.5 MHz only to 2 MHz offset Equipment Limitation


Similar Part No. - FVXO-HC52BR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FVXO-HC53B FOX-FVXO-HC53B Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FVXO-HC53BR FOX-FVXO-HC53BR Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
More results

Similar Description - FVXO-HC52BR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
logo
EUROQUARTZ limited
EQVP-HC52 EUROQUARTZ-EQVP-HC52 Datasheet
168Kb / 1P
   HCMOS 5x3.2mm 2.5V VCXO
EQVP-HC72 EUROQUARTZ-EQVP-HC72 Datasheet
167Kb / 1P
   HCMOS 7x5mm 2.5V VCXO
logo
Fox Electronics
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com